Electronic Components Datasheet Search |
|
MIC5236-3.3YMM Datasheet(PDF) 5 Page - Micrel Semiconductor |
|
MIC5236-3.3YMM Datasheet(HTML) 5 Page - Micrel Semiconductor |
5 / 12 page July 2005 5 MIC5236 MIC5236 Micrel, Inc. Typical Characteristics 0 100 200 300 400 0 40 80 120 160 200 OUTPUT CURRENT (mA) Dropout Voltage vs. Output Current MIC5236-3.0 VOUT = 98% of Nominal VOUT 1.0 1.5 2.0 2.5 3.0 3.5 1.5 2.0 2.5 3.0 3.5 4.0 SUPPLY VOLTAGE (V) Dropout Characteristics ILOAD = 10mA ILOAD = 50mA ILOAD = 100mA ILOAD = 150mA MIC5236-3.0 0 100 200 300 400 500 600 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Dropout Voltage vs. Temperature ILOAD = 150mA MIC5236-3.0 0 1 2 3 4 0 20 40 60 80 100 120 140 160 OUTPUT CURRENT (mA) Ground Current vs. Output Current VIN = 4V VIN = 10V MIC5236-3.0 0 5 10 15 20 25 0 100 200 300 400 500 OUTPUT CURRENT (µA) Ground Pin Current vs. Output Current VIN = 10V VIN = 4V MIC5236-3.0 0 1 2 3 4 5 0 1 2 3 4 5 6 7 8 SUPPLY VOLTAGE (V) Ground Current vs. Supply Voltage ILOAD = 100µA VOUT = 3V MIC5236-3.0 ILOAD = 150mA 0 10 20 30 40 50 60 70 80 90 100 0 1 2 3 4 5 6 7 8 SUPPLY VOLTAGE (V) Ground Current vs. Supply Voltage ILOAD = 10mA MIC5236-3.0 1mA 100µA 10µA 0 0.02 0.04 0.06 0.08 0.10 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Ground Current vs. Temperature VIN = 4V ILOAD = 10mA MIC5236-3.0 0 0.2 0.4 0.6 0.8 1.0 1.2 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Ground Current vs. Temperature VIN = 4V ILOAD = 75mA MIC5236-3.0 0 1 2 3 4 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Ground Current vs. Temperature VIN = 4V ILOAD = 150mA MIC5236-3.0 2.985 2.990 2.995 3.000 3.005 3.010 3.015 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Output Voltage vs. Temperature VIN = 4V ILOAD = 150mA MIC5236-3.0 255 260 265 270 275 280 285 -40 -20 0 20 40 60 80 100 120 TEMPERATURE (°C) Short Circuit Current vs. Temperature VOUT = 0V MIC5236-3.0 |
Similar Part No. - MIC5236-3.3YMM |
|
Similar Description - MIC5236-3.3YMM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |