Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5236-3.3YMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5236-3.3YMM
Description  Low Quiescent Current 關Cap LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5236-3.3YMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5236-3.3YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 9Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 10Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 11Page - Micrel Semiconductor MIC5236-3.3YMM Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
July 2005
11
MIC5236
MIC5236
Micrel, Inc.
25°C, 50°C and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50°C and the power dissipation is as above,
632mW, the curve in Figure 7 shows that the required area
of copper is 25mm2.
The θJA of this package is ideally 63°C/W, but it will vary
depending upon the availability of copper ground plane to
which it is attached.
0
100
200
300
400
500
600
700
800
900
0 0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85°C
50°C 25°C
TJ = 125°C
Figure 7. Copper Area vs. Power-SOIC
Power Dissipation (TA)
0
100
200
300
400
500
600
700
0 0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
Figure 8. Copper Area vs. Power-MSOP
Power Dissipation (∆TJA)
The same method of determining the heat sink area used
for the power-SOIC-8 can be applied directly to the power-
MSOP-8. The same two curves showing power dissipation
versus copper area are reproduced for the power-MSOP-8
and they can be applied identically, see Figures 8 and 9.
0
100
200
300
400
500
600
700
800
900
0 0.25 0.50 0.75 1.00 1.25 1.50
POWER DISSIPATION (W)
85°C
50°C 25°C
TJ = 125°C
Figure 9. Copper Area vs. Power-MSOP
Power Dissipation (TA)
Power MSOP-8 Thermal Characteristics
The power-MSOP-8 package follows the same idea as the
power-SO-8 package, using four ground leads with the die
attach paddle to create a single-piece electrical and thermal
conductor, reducing thermal resistance and increasing power
dissipation capability.
Quick Method
Determine the power dissipation requirements for the design
along with the maximum ambient temperature at which the
device will be operated. Refer to Figure 9, which shows safe
operating curves for three different ambient temperatures,
25°C, 50°C, and 85°C. From these curves, the minimum
amount of copper can be determined by knowing the maxi-
mum power dissipation required. If the maximum ambient
temperature is 50°C, and the power dissipation is 639mW,
the curve in Figure 9 shows that the required area of copper
is 110mm2,when using the power MSOP-8.
Adjustable Regulator Application
MIC5236BM/MM
EN
GND
OUT
IN
VIN
2
4
1
3
5-8
V
R1
R2
1µF
OUT
ADJ
Figure 10. Adjustable Voltage Application
The MIC5236BM/MM can be adjusted from 1.24V to 20V by
using two external resistors (Figure 10). The resistors set the
output voltage based on the following equation:
VOUT = VREF (1 +
R
R
1
2 )
Where VREF = 1.23V.


Similar Part No. - MIC5236-3.3YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236-3.3BM MICREL-MIC5236-3.3BM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5236-3.3BMM MICREL-MIC5236-3.3BMM Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
More results

Similar Description - MIC5236-3.3YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
Microchip Technology
MCP1710 MICROCHIP-MCP1710 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
MCP1710 MICROCHIP-MCP1710_15 Datasheet
959Kb / 24P
   Ultra Low Quiescent Current LDO Regulator
01/27/15
logo
Micrel Semiconductor
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com