Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5239-3.3BM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5239-3.3BM
Description  Low Quiescent Current 500mA 關Cap LDO Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5239-3.3BM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5239-3.3BM Datasheet HTML 6Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 7Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 8Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 9Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 10Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 11Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 12Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 13Page - Micrel Semiconductor MIC5239-3.3BM Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Micrel
MIC5239
December 2007
10
M9999-121007
Current Limit
Figure 4 displays a method for reducing the steady state
short-circuit current. The duration that the supply
delivers current is set by the time required for the error
flag output to discharge the 4.7µF capacitor tied to the
enable pin. The off time is set by the 200kΩ resistor as it
recharges the 4.7µF capacitor, enabling the regulator.
This circuit reduces the short-circuit current from 800mA
to 40mA while allowing for regulator restart once the
short is removed.
COUT
VOUT
VIN
5V
VERR
IN
MIC5239
EN
200k
1N4148
200k
4.7µF
OUT
GND
SHUTDOWN
ENABLE
FLG
Figure 4. Remote Enable with Short-Circuit
Current Foldback
Thermal Characteristics
The MIC5239 is a high input voltage device, intended to
provide 500mA of continuous output current in two very
small profile packages. The power MSOP-8 allows the
device to dissipate about 50% more power than their
standard equivalents.
Power MSOP-8 Thermal Characteristics
One of the secrets of the MIC5239’s performance is its
power MSOP-8 package featuring half the thermal
resistance of a standard MSOP-8 package. Lower
thermal resistance means more output current or higher
input voltage for a given package size.
Lower thermal resistance is achieved by joining the four
ground leads with the die attach paddle to create a
single piece electrical and thermal conductor. This
concept has been used by MOSFET manufacturers for
years, proving very reliable and cost effective for the
user.
Thermal resistance consists of two main elements, θJC
(junction-to-case thermal resistance) and θCA (case-to-
ambient thermal resistance). See Figure 5. θJC is the
resistance from the die to the leads of the package. θCA
is the resistance from the leads to the ambient air and it
includes θCS (case-to-sink thermal resistance) and θSA
(sink-to-ambient thermal resistance).
Figure 5. Thermal Resistance
Using the power MSOP-8 reduces the θJC dramatically
and allows the user to reduce θCA. The total thermal
resistance, θJA (junction-to-ambient thermal resistance)
is the limiting factor in calculating the maximum power
dissipation capability of the device. Typically, the power
MSOP-8 has a θJC of 80°C/W, this is significantly lower
than the standard MSOP-8 which is typically 200°C/W.
θCA is reduced because pins 5 through 8 can now be
soldered directly to a ground plane which significantly
reduces the case-to-sink thermal resistance and sink to
ambient thermal resistance.
Low-dropout linear regulators from Micrel are rated to a
maximum junction temperature of 125°C. It is important
not to exceed this maximum junction temperature during
operation of the device. To prevent this maximum
junction
temperature
from
being
exceeded,
the
appropriate ground plane heatsink must be used.
Figure 6. Copper Area vs. Power-MSOP
Power Dissipation (∆TJA)
Figure 6 shows copper area versus power dissipation
with each trace corresponding to a different temperature
rise above ambient.
From these curves, the minimum area of copper
necessary for the part to operate safely can be
determined. The maximum allowable temperature rise
must be calculated to determine operation along which
curve.


Similar Part No. - MIC5239-3.3BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5239-3.0BM MICREL-MIC5239-3.0BM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BMM MICREL-MIC5239-3.0BMM Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5239-3.0BS MICREL-MIC5239-3.0BS Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
More results

Similar Description - MIC5239-3.3BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5236 MICREL-MIC5236 Datasheet
94Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator Preliminary Information
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5239 MICREL-MIC5239 Datasheet
96Kb / 12P
   Low Quiescent Current 500mA UCap LDO Regulator
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
logo
Taiwan Semiconductor Co...
TS9013 TSC-TS9013_13 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_11 Datasheet
111Kb / 5P
   500mA Low Quiescent Current CMOS LDO
TS9013 TSC-TS9013_14 Datasheet
107Kb / 5P
   500mA Low Quiescent Current CMOS LDO
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com