Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5256-2.6BM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5256-2.6BM5
Description  150mA 關Cap LDO with Error Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256-2.6BM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5256-2.6BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC5256
August 2010
5
M9999-080510
Electrical Characteristics
(5) (Continued)
VIN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Error Flag
VFLG
Low Threshold
High Threshold
% of VOUT (Flag ON)
% of VOUT (Flag OFF)
90
96
%
%
VOL
Output Logic-Low Voltage
IL = 100µA, fault condition
0.02
0.1
V
IFL
Flag Leakage Current
flag off, VFLG = 6V
0.01
µA
Thermal Protection
Thermal-Shutdown
Temperature
150
°C
Thermal-Shutdown Hysteresis
10
°C
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max)–TA / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA of the MIC5255-x.xBM5 (all versions) is
235°C/W on a PC board (see “Thermal Considerations” section for further details).
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load range from
0.1mA to 150mA. Changes in output voltage due to heating effects are covered by the thermal regulation specification.
7. Dropout Voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1Vdifferential.
For outputs below 2.7V, dropout voltage is the input-to-output voltage differential with the minimum input voltage 2.7V. Minimum input operating
voltage is 2.7V.
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.
Test Circuit


Similar Part No. - MIC5256-2.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-2.6BM5 MICREL-MIC5256-2.6BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results

Similar Description - MIC5256-2.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com