Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5256-2.6BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5256-2.6BM5
Description  150mA 關Cap LDO with Error Flag
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5256-2.6BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5256-2.6BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5256-2.6BM5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5256
August 2010
4
M9999-080510
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................. 0V to +7V
Enable Voltage (VEN)............................................ 0V to +7V
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–60°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
EDS Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)........................................ +2.7V to +6V
Enable Voltage (VEN).............................................. 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Thermal Resistance
SOT23-5 (
θJA) ..................................................235°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1V, VEN = VIN; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C; unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VO
Output Voltage Accuracy
IOUT = 100µA
–1
–2
1
2
%
%
ΔVLNR
Line Regulation
VIN = VOUT + 1V to 6V
0.02
0.05
%/V
ΔVLDR
Load Regulation
IOUT = 0.1mA to 150mA
(6)
1.5
2.5
%
IOUT = 100µA
0.1
5
mV
IOUT = 100mA
90
150
mV
VIN
VOUT
Dropout Voltage
(7)
IOUT = 150mA
135
200
250
mV
mV
IQ
Quiescent Current
VEN ≤ 0.4V (shutdown)
0.2
1
µA
IOUT = 0mA
90
150
µA
IGND
Ground Pin Current
(8)
IOUT = 150mA
117
µA
f = 10Hz, VIN = VOUT + 1V; COUT = 1.0µF
60
dB
f = 100Hz, VIN = VOUT + 0.5V; COUT =
1.0µF
60
dB
PSRR
Ripple Rejection
f = 10kHz, VIN = VOUT + 0.5V
45
dB
ILIM
Current Limit
VOUT = 0V
160
425
mV
en
Output Voltage Noise
TBD
µV(rms)
Enable Input
VIL
Enable Input Logic-Low Voltage
VIN = 2.7V to 5.5V, regulator shutdown
0.4
V
VIH
Enable Input Logic-High
Voltage
VIN = 2.7V to 5.5V, regulator enabled
1.6
V
VIL ≤ 0.4V, regulator shutdown
0.01
µA
IEN
Enable Input Current
VIH ≥ 1.6V, regulator enabled
0.01
µA
Shutdown Resistance
Discharge
500


Similar Part No. - MIC5256-2.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5256-2.6BM5 MICREL-MIC5256-2.6BM5 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
More results

Similar Description - MIC5256-2.6BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5254 MICREL-MIC5254_07 Datasheet
377Kb / 11P
   Dual 150mA 關Cap LDO with Error Flag Outputs
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
   150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
   DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
logo
BCD Semiconductor Manuf...
AP2203 BCDSEMI-AP2203 Datasheet
158Kb / 19P
   150mA RF ULDO REGULATOR WITH ERROR FLAG
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5306 MICREL-MIC5306_06 Datasheet
274Kb / 8P
   150mA Micropower 關Cap Baseband LDO
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com