Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5265-1.85YD5 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5265-1.85YD5
Description  150mA 關Cap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5265-1.85YD5 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5265-1.85YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 10Page - Micrel Semiconductor MIC5265-1.85YD5 Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
MIC5265
February 2007
10
M9999-022307
MIC5265 Junction-To-Ambient Thermal Resistance
Package
θ
JA Recommended
Minimum Footprint
θ
JA 1” Sq.
Copper Clad
θ
JC
SOT-23-5
(M5 or D5)
235°C/W
125°C
145°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction-to-
ambient thermal resistance for the minimum footprint is
235 C/W. The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5265-2.8YD5 at an
input voltage of 5.0V at 150mA with a minimum footprint
layout, the maximum ambient operating temperature TA
can be determined as follows:
W
C
T
C
W
A
/
235
125
33
.
0
°
°
=
TA = 47.45°C
Therefore, a 2.8V application at 150mA of output current
can accept an ambient operating temperature of 47°C in
a SOT-23-5 package. For a full discussion of heat
sinking and thermal effects on voltage regulators, refer
to the “Regulator Thermals” section of Micrel’s Designing
with Low-Dropout Voltage Regulators handbook. This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5265-1.85YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265-1.8YD5 MICREL-MIC5265-1.8YD5 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
More results

Similar Description - MIC5265-1.85YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com