Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5270BM5 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5270BM5
Description  關Cap Negative Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5270BM5 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5270BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5270BM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MIC5270
Micrel, Inc.
M9999-052705
4May 2005
Typical Characteristics
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
0-1
-2
-3-4
-5
SUPPLY VOLTAGE (V)
Dropout
Characteristics
0 Load
-100mA Load
-3.26
-3.265
-3.27
-3.275
-3.28
-3.285
-3.29
-3.295
-3.3
-3.305
0
-20
-40
-60
-80
-100
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
-3.2
-3.22
-3.24
-3.26
-3.28
-3.3
-3.32
-3.34
-3.36
-3.38
-3.4
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
0
-0.5
-1
-1.5
-2
-2.5
0-20
-40
-60
-80
-100
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
5V
IN
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
0-1
-2
-3-4
-5
SUPPLY VOLTAGE (V)
Ground Current
Characteristics
0µA Load
-100µA Load
-1mA Load
0
-0.5
-1
-1.5
-2
-2.5
0-1
-2
-3-4
-5
SUPPLY VOLTAGE (V)
Ground Current
Characteristics
-100mA Load
-50mA Load
-10mA Load
0
-5
-10
-15
-20
-25
-30
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
0A Load
-1mA Load
0
-0.5
-1
-1.5
-2
-2.5
-3
-3.5
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Ground Current
vs. Temperature
-50A Load
-100mA Load
0
-0.2
-0.4
-0.6
-0.8
-1
-1.2
-1.4
-1.6
-4
-7
-10
-13
-16
SUPPLY VOLTAGE (V)
Negative Enable Threshold
vs. Supply Voltage
Enable Off
Enable On
0
-100
-200
-300
-400
-500
-600
0-20
-40
-60
-80
-100
OUTPUT CURRENT (mA)
Dropout
vs. Output Current
0
-50
-100
-150
-200
-250
-300
-350
-400
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout
vs. Temperature
0A Load
-10mA Load
0
-100
-200
-300
-400
-500
-600
-700
-40 -20 0
20 40 60 80 100 120
TEMPERATURE (°C)
Dropout
vs. Temperature
-50mA Load
-100mA Load


Similar Part No. - MIC5270BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5270 MICREL-MIC5270 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC5270-3.0BM5 MICREL-MIC5270-3.0BM5 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC5270-4.1BM5 MICREL-MIC5270-4.1BM5 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
MIC5270-5.0BM5 MICREL-MIC5270-5.0BM5 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
More results

Similar Description - MIC5270BM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
   Teeny SC-70 關Cap Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com