Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5270-5.0BM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5270-5.0BM5
Description  關Cap Negative Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5270-5.0BM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5270-5.0BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5270-5.0BM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2005
1
M9999-052705
MIC5270
Micrel, Inc.
MIC5270
µCap Negative Low-Dropout Regulator
General Description
The MIC5270 is a µCap 100mA negative regulator in a
SOT-23-5 package. With better than 2% initial accuracy, this
regulator provides a very accurate supply voltage for applica-
tions that require a negative rail. The MIC5270 sinks 100mA
of output current at very low dropout voltage (600mV maxi-
mum at 100mA of output current).
The µCap regulator design is optimized to work with low-
value, low-cost ceramic capacitors. The output typically re-
quires only a 1µF capacitance for stability.
Designed for applications where small packaging and effi-
ciency are critical, the MIC5270 combines LDO design exper-
tise with IttyBitty® packaging to improve performance and
reduce power dissipation. Ground current is optimized to help
improve battery life in portable applications.
The MIC5270 is available in the SOT-23-5 package for space
saving applications and it is available with fixed –3.0V, –4.1V,
–5.0V, and adjustable outputs.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Typical Application
Features
•Stable with ceramic or tantalum capacitor
• Low dropout voltage: 500mV @ 100mA
• Low ground current: 35µA @ load = 100µA
•Tight initial accuracy: ±2%
•Tight load and line regulation
•Thermal shutdown
•Current limiting
• IttyBitty® SOT-23-5 packaging
Applications
•GaAsFET bias
•Portable cameras and video recorders
• PDAs
•Battery-powered equipment
IttyBitty is a registered trademark of Micrel, Inc.
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Junction
Standard
Marking Code
PbFree
Marking Code
Voltage
Temp. Range
Package
MIC5270BM5
LLAA
MIC5270YM5
LLAA
Adj.
–40°C to +125°C
SOT-23-5
MIC5270-3.0BM5
LL30
MIC5270-3.0YM5
LL30
–3.0V
–40°C to +125°C
SOT-23-5
MIC5270-4.1BM5
LL41
MIC5270-4.1YM5
LL41
–4.1V
–40°C to +125°C
SOT-23-5
MIC5270-5.0BM5
LL50
MIC5270-5.0YM5
LL50
–5.0V
–40°C to +125°C
SOT-23-5
MIC5270-5.0BM5
GND
–OUT
–IN
1
µF
10
µF
–5.0V
–6.0V
VIN
2
54
VOUT
Regulator With Fixed Output
MIC5270BM5
GND
–OUT
–IN
1µF
10µF
–5.0V
–6.0V
VIN
2
54
3
V
R1
R2
OUT
ADJ
Regulator With Adjustable Output


Similar Part No. - MIC5270-5.0BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5270-5.0BM5 MICREL-MIC5270-5.0BM5 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
More results

Similar Description - MIC5270-5.0BM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
   Teeny SC-70 關Cap Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com