Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5270-4.1YM5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5270-4.1YM5
Description  關Cap Negative Low-Dropout Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5270-4.1YM5 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC5270-4.1YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5270-4.1YM5 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
May 2005
7
M9999-052705
MIC5270
Micrel, Inc.
Applications Information
The MIC5270 is a general-purpose negative regulator that
can be used in any system that requires a clean negative
voltage from a negative output. This includes post regulating
of DC-DC converters (transformer based or charge pump
based voltage converters). These negative voltages typically
require a negative low-dropout voltage regulator to provide a
clean output from typically noisy lines.
Input Capacitor
A 1µF input capacitor should be placed from IN to GND if
there is more than 2 inches of wire or trace between the input
and the AC filter capacitor, or if a battery is used as the input.
Output Capacitor
The MIC5270 requires an output capacitor for stable opera-
tion. A minimum of 1µF of output capacitance is required. The
output capacitor can be increased without limitation to im-
prove transient response. The output does not require ESR
to maintain stability, therefore a ceramic capacitor can be
used. High-ESR capacitors may cause instability. Capacitors
with an ESR of 3Ω or greater at 100kHz may cause a high
frequency oscillation.
Low-ESR tantalums are recommended due to the tight ca-
pacitance tolerance over temperature.
Ceramic chip capacitors have a much greater dependence
on temperature, depending upon the dielectric. The X7R is
recommended for ceramic capacitors because the dielectric
will change capacitance value by approximately 15% over
temperature. The Z5U dielectric can change capacitance
value by as much 50% over temperature, and the Y5V
dielectric can change capacitance value by as much as 60%
over temperature. To use a ceramic chip capacitor with the
Y5V dielectric, the value must be much higher than a tanta-
lum to ensure the same minimum capacitor value over
temperature.
No-Load Stability
The MIC5270 does not require a load for stability.
Thermal Considerations
Absolute values will be used for thermal calculations to clarify
what is meant by power dissipation and voltage drops across
the part.
Proper thermal design for the MIC5270-5.0BM5 can be
accomplished with some basic design criteria and some
simple equations. The following information must be known
to implement your regulator design:
V
IN = input voltage
V
OUT = output voltage
I
OUT = output current
T
A = ambient operating temperature
I
GND = ground current
Maximum power dissipation can be determined by knowing
the ambient temperature, T
A, the maximum junction tem-
perature, 125°C, and the thermal resistance, junction to
ambient. The thermal resistance for this part, assuming a
minimum footprint board layout, is 235°C/W. The maximum
power dissipation at an ambient temperature of 25°C can be
determined with the following equation:
P
TT
D(max)
J(max)
A
JA
=
θ
P
125 C
25 C
235 C/W
D(max) =
° −
°
°
P
425mW
D(max) =
The actual power dissipation of the regulator circuit can be
determined using one simple equation.
PV
V
I
V
I
DIN
OUT
OUT
IN
GND
=
()
+
Substituting P
D(max), determined above, for PD and solving
for the operating conditions that are critical to the application
will give the maximum operating conditions for the regulator
circuit. The maximum power dissipation number cannot be
exceeded for proper operation of the device. The maximum
input voltage can be determined using the output voltage of
5.0V and an output current of 100mA. Ground current, of 1mA
for 100mA of output current, can be taken from the “Electrical
Characteristics ” section of the data sheet.
425mW
V
5.0V 100mA
V
1mA
IN
IN
=
()
425mW
100mA
V
1mA
V
500mW
IN
IN
+
×
()
925mW
101mA
V
IN
V
9.16Vmax
IN =
Therefore, a –5.0V application at 100mA of output current
can accept a maximum input voltage of –9.16V in a SOT-23-5
package. For a full discussion of heat sinking and thermal
effects on voltage regulators, refer to Regulator Thermals
section of Micrel’s “Designing with Low-Dropout Voltage
Regulators ” handbook.
Adjustable Regulator Application
MIC5270BM
GND
–OUT
–IN
–VIN
5
23
4
–V
R2
R1
OUT
ADJ
Figure 1. Adjustable Voltage Application
The MIC5270BM5 can be adjusted from 1.20V to 14V by
using two external resistors (Figure 1). The resistors set the
output voltage based on the following equation:
VOUT  = VREF (1 +
R
R
2
1
)
Where V
REF = 1.20V


Similar Part No. - MIC5270-4.1YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5270-4.1BM5 MICREL-MIC5270-4.1BM5 Datasheet
42Kb / 4P
   IttyBitty??Negative Low-Dropout Regulator Preliminary Information
More results

Similar Description - MIC5270-4.1YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
logo
Micrel Semiconductor
MIC5271 MICREL-MIC5271 Datasheet
123Kb / 10P
   關Cap Negative Low-Dropout Regulator
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
logo
National Semiconductor ...
LM2990 NSC-LM2990 Datasheet
421Kb / 12P
   Negative Low Dropout Regulator
logo
Micrel Semiconductor
MIC5213 MICREL-MIC5213_04 Datasheet
56Kb / 8P
   Teeny SC-70 關Cap Low-Dropout Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com