Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5265-3.2YD5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5265-3.2YD5
Description  150mA 關Cap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5265-3.2YD5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5265-3.2YD5 Datasheet HTML 1Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5265-3.2YD5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5265
150mA µCap LDO Regulator
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
February 2007
M9999-022307
General Description
The MIC5265 is a 150mA LDO in lead-free Thin SOT-23-5
packaging ideal for applications where cost is the priority.
The MIC5265 is ideal for any application in portable
electronics, including both RF and Digital applications.
With low output noise and high PSRR, the MIC5265 is
ideal for noise sensitive applications such as RF. While the
fast transient response and active shutdown circuitry
makes it well-suited for powering digital circuitry.
The MIC5265 has a 2.7V to 5.5V input operating voltage
range, making it ideal for operation from a single cell
lithium ion battery or fixed 3.3V and 5V systems. The
MIC5265 come with an enable pin and can be put into a
zero off-mode current state.
The MIC5265 offers low dropout voltage (210mV at
150mA), low output noise (57µVrms), high PSRR and
integrates an active shutdown circuit on the output of each
regulator to discharge the output voltage when disabled.
Data sheets and supporting documentation can be found
on Micrel’s web site at: www.micrel.com
Features
• 2.7V to 5.5V supply voltage.
• Low 75µA quiescent current per LDO.
• Thin SOT-23-5 package.
• Low Noise – 57µVrms.
• High PSRR – 60dB at 1kHz.
• Low dropout voltage – 210mV at 150mA.
• Stable with ceramic output capacitors.
• Fast transient response.
• Active shutdown.
Applications
• Cellular Telephones
• PDAs
• GPS Receivers
____________________________________________________________________________________________________________
Typical Application
MIC5265-xxYD5
VIN
VOUT
BYP
GND
EN
Rx/Synth
RF Receiver
0.01µF
1µF
1µF
0
-20
-40
-50
-60
-70
0.01 0.1
1
10
100 1000
FREQUENCY (kHz)
Power Supply
Rejection Ratio
-30
VIN = VOUT + 1V
VOUT = 3.1V
BYP = 0.01µF
COUT = 1µF
100mA
150mA
50mA
RF Power Supply


Similar Part No. - MIC5265-3.2YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5265-3.0YD5 MICREL-MIC5265-3.0YD5 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5265-3.1YD5 MICREL-MIC5265-3.1YD5 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
MIC5265-3.3YD5 MICREL-MIC5265-3.3YD5 Datasheet
262Kb / 11P
   150mA uCap LDO Regulator
More results

Similar Description - MIC5265-3.2YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com