Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5305 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5305
Description  150mA 關Cap Ultra-Low Dropout LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5305_07 Datasheet HTML 1Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 2Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 3Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 4Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 5Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 6Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 7Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 8Page - Micrel Semiconductor MIC5305_07 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Micrel, Inc.
MIC5305
June 2007
4
M9999-062507
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................... 0V to 6V
Enable Input Voltage (VEN)..................................... 0V to 6V
Power Dissipation (PD)........................... Internally Limited
(3)
Junction Temperature (TJ) ........................–40°C to +125°C
Lead Temperature (soldering, 5sec.)......................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
EDS Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply voltage (VIN) ....................................... 2.25V to 5.5V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
MLF-6 (θJA) ........................................................93°C/W
Thin MLF-6 (θJA)................................................93°C/W
TSOT-23-5 (θJA) ..............................................235°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1.0V; COUT = 1.0µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Variation from nominal VOUT
–1.0
+1.0
%
Output Voltage Accuracy
Variation from nominal VOUT, IOUT = 100mA to 150mA
–2.0
+2.0
%
Output Voltage Temp.
Coefficient
40
pm/°C
Line Regulation
VIN = VOUT +1V to 5.5V
0.02
0.3
%/V
Load Regulation
(6)
IOUT = 100µA to 150mA
0.1
0.5
%
IOUT = 50mA, VOUT > 2.8V
20
35
mV
IOUT = 150mA, VOUT > 2.8V
60
85
mV
IOUT = 50mA, VOUT > 2.8V
27
45
mV
Dropout Voltage
(7)
IOUT = 150mA, VOUT > 2.8V
85
110
mV
Ground Pin Current
(8)
IOUT = 0 to 150mA
90
150
µA
Ground Pin Current in
Shutdown
VEN ≤ 0.2V
0.5
µA
f = up to 1kHz; COUT = 1.0µF ceramic; CBYP = 0.1µF
85
dB
Ripple Rejection
f = 10kHz; COUT = 1.0µF ceramic; CBYP = 0.1µF
65
dB
Current Limit
VOUT = 0V
300
600
900
mA
Output Voltage Noise
COUT =1µF, CBYP = 0.1µF, 10Hz to 100kHz
20
µVrms
Turn-On Time
COUT = 1µF; CBYP= 0.1µF; IOUT= 150mA
30
100
µs
Enable Input
Logic Low (Regulator Shutdown)
0.2
V
Enable Input Voltage
Logic High (Regulator Enabled)
1.0
V
VIL ≤ 0.2V (Regulator Shutdown)
0.01
1
µA
Enable Input Current
VIH ≥ 1.0V (Regulator Enabled)
0.01
1
µA
Notes
:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) - TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model.
5. Specification for packaged product only.
6. Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are
covered by the thermal regulation specification.
7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below 2.25V,
dropout voltage is the input-to-output differential with the minimum input voltage 2.25V.
8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin
current.


Similar Part No. - MIC5305_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305-1.5BD5 MICREL-MIC5305-1.5BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.5BML MICREL-MIC5305-1.5BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.8BD5 MICREL-MIC5305-1.8BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-1.8BML MICREL-MIC5305-1.8BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5305-2.5BD5 MICREL-MIC5305-2.5BD5 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results

Similar Description - MIC5305_07

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com