Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5301-2.85YMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5301-2.85YMT
Description  Single, 150mA 關Cap ULDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301-2.85YMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5301-2.85YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5301-2.85YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5301
April 2008
3
M9999-042108
Pin Configuration
1
EN
GND
VIN
6
BYP
NC
OUT
5
4
2
3
1
EN
GND
VIN
6
BYP
ADJ
OUT
5
4
2
3
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
Fixed (Top View)
6-Pin 1.6mm x 1.6mm Thin MLF
® (MT)
Adjustable (Top View)
EN GND
BYP
OUT
VIN
3
1
5
2
4
EN GND
ADJ
OUT
VIN
3
1
5
2
4
TSOT-23-5 (D5)
Fixed (Top View)
TSOT-23-5 (D5)
Adjustable (Top View)
Pin Description
Pin No.
Thin MLF-6
Fixed
Pin No.
Thin MLF-6
Adj.
Pin No.
TSOT-23-5
Fixed
Pin No.
TSOT-23-5
Adj.
Pin Name
Pin Function
1
1
3
3
EN
Enable Input. Active High. High = on, low = off.
Do not leave floating.
2
2
2
2
GND
Ground
3
3
1
1
VIN
Supply Input.
4
4
5
5
OUT
Output Voltage.
5
NC
No connection.
5
4
ADJ
Adjust Input. Connect to external resistor voltage
divider network.
6
6
4
BYP
Reference Bypass: Connect external 0.01
µF to GND
for reduced Output Noise. May be left open.
HS Pad
HS Pad
E PAD
Exposed Heatsink Pad connected to ground
internally.


Similar Part No. - MIC5301-2.85YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301-285YD5 MICREL-MIC5301-285YD5 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301-285YML MICREL-MIC5301-285YML Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
More results

Similar Description - MIC5301-2.85YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com