Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5255-2.5YM5 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5255-2.5YM5
Description  150mA Low Noise Cap CMOS LDO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5255-2.5YM5 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5255-2.5YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 11Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 12Page - Micrel Semiconductor MIC5255-2.5YM5 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC5255
November 2006
11
M9999-110906
The junction-to-ambient thermal resistance for the
minimum footprint is 235°C/W, from Table 1. The
maximum power dissipation must not be exceeded for
proper operation. Using the output voltage of 3.0V and
an output current of 150mA, the maximum input voltage
can be determined. Because this device is CMOS and
the ground current is typically 100µA over the load
range, the power dissipation contributed by the ground
current is < 1% and can be ignored for this calculation:
315mW = (VIN – 3.0V) 150mA
315mW = VIN × 150mA – 450mW
810mW = VIN × 150mA
VIN(max) = 5.4V
Therefore, a 3.0V application at 150mA of output current
can accept a maximum input voltage of 5.4V in a SOT-
23-5 package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the “Reg-
ulator Thermals
” section of Micrel’s Designing with Low-
Dropout Voltage Regulators handbook.


Similar Part No. - MIC5255-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5255-2.5YM5 MICREL-MIC5255-2.5YM5 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
More results

Similar Description - MIC5255-2.5YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5255 MICREL-MIC5255 Datasheet
129Kb / 11P
   150mA Low Noise UCap CMOS LDO
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com