Electronic Components Datasheet Search |
|
LC66356B Datasheet(PDF) 8 Page - Sanyo Semicon Device |
|
LC66356B Datasheet(HTML) 8 Page - Sanyo Semicon Device |
8 / 13 page No. 5996-8/13 LC662104A, 662106A, 662108A LC662108 Series Option Data Area and Definitions ROM area Bit Option specified Option/data relationship 7 P5 Output level at reset 0 = high level, 1 = low level 6 P4 5 Unused This bit must be set to 0. 2000H 4 Oscillator option 0 = (RC oscillator) external clock, 1 = ceramic oscillator 3 Unused This bit must be set to 0. 2 P1 Output level at reset 0 = low level, 1 = high level 1 P0 0 Watchdog timer option 0 = none, 1 = yes 7 P13 6 P12 Output type 0 = OD, 1 = PU 5 P11 2001H 4 P10 3 P03 2 P02 Output type 0 = OD, 1 = PU 1 P01 0 P00 7 Unused This bit must be set to 0. 6 P32 5 P31 Output type 0 = OD, 1 = PU 2002H 4 P30 3 P23 2 P22 Output type 0 = OD, 1 = PU 1 P21 0 P20 7 P53 6 P52 Output type 0 = OD, 1 = PU 5 P51 2003H 4 P50 3 P43 2 P42 Output type 0 = OD, 1 = PU 1 P41 0 P40 7 6 2004H 5 to 4 Unused This bit must be set to 0. 200CH 3 *: Location 2008H must be set to 7F. 2 1 0 7 6 5 200DH 4 Reserved. Must be set to predefined values. This data is generated by the assmbler (21). 3 If the assembler is not used, set this data to 00. 2 1 0 7 6 5 200EH 4 Reserved. Must be set to predefined values. This data is generated by the assmbler (0x). 3 If the assembler is not used, set this data to 00. 2 1 0 Continued on next page. |
Similar Part No. - LC66356B |
|
Similar Description - LC66356B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |