Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5301-2.6YD5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5301-2.6YD5
Description  Single, 150mA 關Cap ULDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5301-2.6YD5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5301-2.6YD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5301-2.6YD5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC5301
April 2008
6
M9999-042108
Typical Characteristics
10
0
-10
-20
-30
-40
-50
-60
-70
-80
-90
Power Supply
Rejection Ratio
10
FREQUENCY (kHz)
1
0.1
100
1,000
100µA
50mA
150mA
VIN = 3.85V
VOUT = 2.85V
COUT = 1µF
CBYP = 0.1µF
40
45
50
55
60
Dropout Voltage
vs. Temperature
TEMPERATURE (°C)
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF
150mA
100mA
50mA
25mA
0
5
10
15
20
25
30
35
0
5
10
15
20
25
30
35
40
45
50
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Dropout Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
2.82
2.83
2.84
2.85
2.86
2.87
2.88
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
0
0.5
1.0
1.5
2.0
2.5
3.0
01
23456
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
100µA
150mA
VOUT = 2.85V
2.25
2.45
2.65
3.05
3.25
3.45
TEMPERATURE (°C)
Output Voltage
vs. Temperature
2.85
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
IOUT = 100µA
0
10
20
30
40
50
60
70
80
90
100
0
25
50
75
100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
70
72
74
80
82
84
86
88
90
Ground Current
TEMPERATURE (°C)
vs. Temperature
VIN = VOUT + 1V
VOUT = 2.85V
COUT = 1µF
150mA
100µA
76
78
0
10
20
30
40
50
60
70
80
90
100
3.0
3.5
4.0
4.5
5.0
5.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
100µA
150mA
410
420
430
440
450
460
470
480
490
500
510
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
VEN = VIN
COUT = 1µF
0.001
0.01
0.1
1
10
Output Noise
Spectral Density
10
FREQUENCY (kHz)
1
0.01
100
10,000
0.1
1,000
VIN = 4V
VOUT = 2.85V
COUT = 1µF
CBYP = 0.1µF


Similar Part No. - MIC5301-2.6YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301-285YD5 MICREL-MIC5301-285YD5 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301-285YML MICREL-MIC5301-285YML Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
More results

Similar Description - MIC5301-2.6YD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
logo
BCD Semiconductor Manuf...
AP2201 BCDSEMI-AP2201 Datasheet
150Kb / 12P
   150mA RF ULDO REGULATOR
logo
Micrel Semiconductor
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com