Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60F7ADPK Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJH60F7ADPK
Description  Silicon N Channel IGBT High Speed Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60F7ADPK Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJH60F7ADPK Datasheet HTML 1Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 2Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 3Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 4Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 5Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 6Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 7Page - Renesas Technology Corp RJH60F7ADPK Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJH60F7ADPK
Preliminary
R07DS0237EJ0300 Rev.3.00
Page 5 of 7
Jan 05, 2011
050
25
150
75
125
100
050
25
150
75
125
100
800
400
1600
1200
0
120
80
40
200
160
0
Switching Characteristics (Typical) (3)
100
1000
10
td(off)
td(on)
tf
tr
Junction Temperature Tj (°C)
(Inductive load)
Junction Temperature Tj (°C)
(Inductive load)
Switching Characteristics (Typical) (4)
Eoff
Eon
1
10
200
100
1
10
200
100
10
1000
100
100000
10000
Collector Current IC (A)
(Inductive load)
Eoff
Eon
Switching Characteristics (Typical) (1)
Switching Characteristics (Typical) (2)
Collector Current IC (A)
(Inductive load)
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
tr includes the diode recovery
VCC = 400 V, VGE = 15 V
Rg = 5
Ω, Tj = 150°C
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
Eon includes the diode recovery
VCC = 400 V, VGE = 15 V
IC = 30 A, Rg = 5 Ω
tr includes the diode recovery
td(off)
td(on)
tf
tr


Similar Part No. - RJH60F7ADPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60F7ADPK RENESAS-RJH60F7ADPK Datasheet
200Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F7ADPK RENESAS-RJH60F7ADPK Datasheet
88Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F7ADPK-00-T0 RENESAS-RJH60F7ADPK-00-T0 Datasheet
200Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F7ADPK-00-T0 RENESAS-RJH60F7ADPK-00-T0 Datasheet
88Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F7ADPK RENESAS-RJH60F7ADPK_10 Datasheet
88Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results

Similar Description - RJH60F7ADPK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SH28 HITACHI-2SH28 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
2SH30 HITACHI-2SH30 Datasheet
43Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
logo
Renesas Technology Corp
RJP6065DPM RENESAS-RJP6065DPM_15 Datasheet
99Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF5RDPQ-80 RENESAS-RJH1CF5RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF7RDPQ-80 RENESAS-RJH1CF7RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP30K3DPP-M0 RENESAS-RJP30K3DPP-M0 Datasheet
99Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJP63K2DPK-M0 RENESAS-RJP63K2DPK-M0 Datasheet
160Kb / 7P
   Silicon N Channel IGBT High speed power switching
RJP60D0DPP-M0 RENESAS-RJP60D0DPP-M0 Datasheet
85Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH60F0DPQ-A0 RENESAS-RJH60F0DPQ-A0 Datasheet
112Kb / 8P
   Silicon N Channel IGBT High Speed Power Switching
RJH1BF6RDPQ-80 RENESAS-RJH1BF6RDPQ-80 Datasheet
107Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
RJH1CF6RDPQ-80 RENESAS-RJH1CF6RDPQ-80 Datasheet
105Kb / 7P
   Silicon N Channel IGBT High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com