Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5305-3.3BD5 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5305-3.3BD5
Description  150mA 關Cap Ultra-Low Dropout LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5305-3.3BD5 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5305-3.3BD5 Datasheet HTML 2Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 3Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 4Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 5Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 6Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 7Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 8Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 9Page - Micrel Semiconductor MIC5305-3.3BD5 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Micrel, Inc.
MIC5305
June 2007
6
M9999-062507
0
10
20
30
40
50
60
70
80
90
100
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
IOUT = 150mA
Dropout Voltage
0
10
20
30
40
50
60
70
0
20 40 60 80 100 120 140
OUTPUT CURRENT (mA)
Dropout Voltage
0
100
200
300
400
500
600
700
800
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
Short Circuit Current
2.85
2.86
2.87
2.88
2.89
2.9
2.91
2.92
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
I
LOAD
= 100µA
V
OUT =2.9V
Output Voltage
vs. Temperature
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
ILOAD =100µA
Enable Threshold
vs. Temperature
Output Noise Spectral Density


Similar Part No. - MIC5305-3.3BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5305-3.3BML MICREL-MIC5305-3.3BML Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results

Similar Description - MIC5305-3.3BD5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5235 MICREL-MIC5235_09 Datasheet
366Kb / 9P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com