Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5376 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5376
Description  High Performance Low Dropout 150mA LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5376 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5376 Datasheet HTML 2Page - Micrel Semiconductor MIC5376 Datasheet HTML 3Page - Micrel Semiconductor MIC5376 Datasheet HTML 4Page - Micrel Semiconductor MIC5376 Datasheet HTML 5Page - Micrel Semiconductor MIC5376 Datasheet HTML 6Page - Micrel Semiconductor MIC5376 Datasheet HTML 7Page - Micrel Semiconductor MIC5376 Datasheet HTML 8Page - Micrel Semiconductor MIC5376 Datasheet HTML 9Page - Micrel Semiconductor MIC5376 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Micrel, Inc.
MIC5375/6/7/8
January 2009
6
M9999-011309-B
Typical Characteristics
0
FREQUENCY (Hz)
PSRR
10
1k
100k
VIN = VOUT = + 1V
VOUT = 2.8V
COUT = 1µF
150mA
50mA
100µA
300
350
400
450
500
550
2.5
3
3.5
4
4.5
5
5.5
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
C
IN
= C
OUT
= 1µF
V
OUT
= 2.8V
15
20
25
30
35
40.0
45
50
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Ground Current
vs. Output Current
V
IN
= V
EN
= V
OUT
+1V
V
OUT
= 2.8V
40
0
10
20
30
40
50
60
0
25
50
75
100
125
TEMPERATURE (°C)
Ground Current
vs. Temperature
V
IN
= V
EN
= V
OUT
+ 1V
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
100µA
50mA
100mA
150mA
2.6
2.7
2.8
2.9
3
0
25
50
75 100 125 150
OUTPUT CURRENT (mA)
Output Voltage
vs. Load Current
V
IN
= V
EN
= V
OUT
+ 1V
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
0
20
40
60
80
100
120
140
0
255075 100 125 150
LOAD CURRENT (mA)
Dropout Voltage
vs. Load Current
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
2.7
2.74
2.78
2.82
2.86
2.9
33.5
44.555.5
SUPPLY VOLTAGE (V)
Output Voltage
vs. Supply Voltage
V
EN
= V
IN
= V
OUT
+ 1
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
100µA
150mA
15
20
25
30
35
40
45
50
55
33.544.5
55.5
SUPPLY VOLTAGE (V)
Ground Current
vs. Supply Voltage
V
IN
= V
EN
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
100µA
150mA
100mA
0
20
40
60
80
100
120
140
160
TEMPERATURE (°C)
Dropout Voltage
vs. Temperature
V
OUT
= 2.8V
10mA
50mA
100mA
150mA
C
IN
= C
OUT
= 1µF
2.6
2.7
2.8
2.9
3
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN
= V
EN
= V
OUT
+ 1
V
OUT
= 2.8V
C
IN
= C
OUT
= 1µF
0.001
0.01
0.1
1
10
10
1k
100k
FREQUENCY (Hz)
Output Noise Spectral Density
VIN = VOUT + 1V
VOUT = 2.8V
COUT = 1µF


Similar Part No. - MIC5376

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5376 MICROCHIP-MIC5376 Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
MIC5376-2.8YC5-TR MICROCHIP-MIC5376-2.8YC5-TR Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
MIC5376-2.8YMT-TZ MICROCHIP-MIC5376-2.8YMT-TZ Datasheet
2Mb / 24P
   High Performance Low Dropout 150 mA LDO
09/14/21
More results

Similar Description - MIC5376

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
MIC5305 MICREL-MIC5305 Datasheet
188Kb / 12P
   150mA UCap Ultra-Low Dropout LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com