Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5319-2.5YML Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5319-2.5YML
Description  500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319-2.5YML Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5319-2.5YML Datasheet HTML 1Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 2Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 3Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 4Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 5Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 6Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 7Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 8Page - Micrel Semiconductor MIC5319-2.5YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5319
May 2010
3
M9999-052510
Pin Configuration
MIC5319-x.xBML/YML
6-Pin 2mm
× 2mm MLF® (ML)
Top View
MIC5319BML/YML (Adjustable)
6-Pin 2mm
× 2mm MLF® (ML)
Top View
MIC5319-x.xBD5/YD5
TSOT-23-5 (D5)
Top View
Pin Description
Pin Number
MLF
®-6
Fixed
Pin Number
MLF
®-6
Adjustable
Pin Number
TSOT-23-5
Fixed
Pin Name
Pin Name
1
1
3
EN
Enable Input: Active High. High = ON, Low = OFF. Do not leave
floating.
2
2
2
GND
Ground.
3
3
1
VIN
Supply Input.
4
4
5
VOUT
Output Voltage.
5
ADJ
Adjustable Input: Connect to external resistor voltage divider
network.
5
NC
No connection for fixed voltage parts
6
6
4
BYP
Reference Bypass: Connect external 0.1µF to GND for reduced
output noise. May be left open.
HS Pad
HS pad
EPAD
Exposed Heatsink Pad connected to ground internally


Similar Part No. - MIC5319-2.5YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-2 MICREL-MIC5319-2 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
More results

Similar Description - MIC5319-2.5YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com