Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5319-3.3YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5319-3.3YML
Description  500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5319-3.3YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5319-3.3YML Datasheet HTML 4Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 5Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 6Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 7Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 8Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 9Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 10Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 11Page - Micrel Semiconductor MIC5319-3.3YML Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Micrel, Inc.
MIC5319
May 2010
9
M9999-052510
Applications Information
Enable/Shutdown
The MIC5319 features an active-high enable pin that
allows the regulator to be disabled. Forcing the enable
pin low disables the regulator and sends it into a “zero”
off-mode-current state. In this state, current consumed
by the regulator goes nearly to zero. Forcing the enable
pin high enables the output voltage. The active-high
enable pin uses CMOS technology and the enable pin
cannot be left floating, as this may cause an
indeterminate state on the output.
Input Capacitor
The MIC5319 is a high-performance, high bandwidth
device. Therefore, it requires a well-bypassed input
supply for optimal performance. A 1µF capacitor is
required from the input-to-ground to provide stability.
Low-ESR
ceramic
capacitors
provide
optimal
performance at a minimum of space. Additional high-
frequency capacitors, such as small-valued NPO
dielectric-type capacitors, help filter out high-frequency
noise and are good design practice in any RF-based
circuit.
Output Capacitor
The MIC5319 requires an output capacitor of 2.2µF or
greater to maintain stability. The design is optimized for
use with low-ESR ceramic chip capacitors. High ESR
capacitors may cause high-frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 2.2µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R/X5R
dielectric-type
ceramic
capacitors
are
recommended
because
of
their
temperature
performance. X7R-type capacitors change capacitance
by 15% over their operating temperature range and are
the most stable type of ceramic capacitors. Z5U and
Y5V dielectric capacitors change value by as much as
50% and 60%, respectively, over their operating
temperature ranges. To use a ceramic chip capacitor
with Y5V dielectric, the value must be much higher than
an X7R ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
Bypass Capacitor
A capacitor can be placed from the bypass pin-to-ground
to reduce output voltage noise. The capacitor bypasses
the
internal
reference.
A
0.1µF
capacitor
is
recommended for applications that require low-noise
outputs. The bypass capacitor can be increased, further
reducing noise and improving PSRR. Turn-on time
increases slightly with respect to bypass capacitance.
A unique, quick-start circuit allows the MIC5319 to drive
a large capacitor on the bypass pin without significantly
slowing
turn-on
time.
Refer
to
the
“Typical
Characteristics” section for performance with different
bypass capacitors.
No-Load Stability
Unlike many other voltage regulators, the MIC5319 will
remain stable and in regulation with no load. This is
especially
important
in
CMOS
RAM
keep-alive
applications.
Adjustable Regulator Application
Adjustable regulators use the ratio of two resistors to
multiply the reference voltage to produce the desired
output voltage.
The MIC5319 can be adjusted from 1.25V to 5.5V by
using two external resistors (Figure 1). The resistors set
the output voltage based on the following equation:
VOUT = VREF
⎛ +
R2
R1
1
VREF = 1.25V
Figure 1. Adjustable Voltage Application
Thermal Considerations
The MIC5319 is designed to provide 500mA of
continuous current in a very small MLF
®
package.
Maximum ambient operating temperature can be
calculated based on the output current and the voltage
drop across the part. Given an input voltage of 3.3V,
output voltage of 2.8V and output current = 500mA, the
actual power dissipation of the regulator circuit can be
determined using the equation:
PD = (VIN − VOUT)IOUT + VIN × IGND


Similar Part No. - MIC5319-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319-2 MICREL-MIC5319-2 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319-8BD5 MICREL-MIC5319-8BD5 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319-8BML MICREL-MIC5319-8BML Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319-8YD5 MICREL-MIC5319-8YD5 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5319-8YML MICREL-MIC5319-8YML Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
More results

Similar Description - MIC5319-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5319 MICREL-MIC5319 Datasheet
319Kb / 10P
   500mA uCap Ultra-Low Dropout, High PSRR LDO Regulator
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Unisonic Technologies
LR1142 UTC-LR1142 Datasheet
185Kb / 4P
   HIGH PSRR, LOW DROPOUT, 500mA ADJUSTABLE LDO REGULATOR
logo
Micrel Semiconductor
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Holtek Semiconductor In...
HT78BXX HOLTEK-HT78BXX Datasheet
2Mb / 16P
   High PSRR 500mA LDO Regulator
logo
ACE Technology Co., LTD...
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
   500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
Micrel Semiconductor
MIC5239 MICREL-MIC5239_07 Datasheet
773Kb / 14P
   Low Quiescent Current 500mA 關Cap LDO Regulator
logo
AiT Semiconductor Inc.
A6501A AITSEMI-A6501A Datasheet
806Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 500mA HIGH PSRR
REV1.0
logo
SHANGHAI BELLING CO., L...
BL8565 BELLING-BL8565 Datasheet
157Kb / 7P
   500mA High PSRR, Low Dropout Voltage Linear Regulator
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com