Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC9130BQS Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC9130BQS
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9130BQS Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC9130BQS Datasheet HTML 2Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 3Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 4Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 5Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 6Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 7Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 8Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 9Page - Micrel Semiconductor MIC9130BQS Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
MIC9130
Micrel, Inc.
M9999-111108
6
November 2008
4.94
4.96
4.98
5
5.02
5.04
5.06
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
5V VBIAS Voltage
vs. Temperature
V
CC = 10V
R
BIAS= 560K
Rt = 9.47K
Ct = 470pF
4.94
4.95
4.96
4.97
4.98
4.99
5
0
IBIAS (mA)
Bias Voltage Load
Regulation
V
CC =10V
12345
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (°C)
VCC Turn On/Off Thresholds
vs. Temperature
Vcc G LO On
Vcc G LO Off
V
CC
=10V
R
BIAS=560K
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
8 9 10 11 12 13 14 15 16 17 18
V
CC (V)
Gate Drive Current
vs. VCC
SI NK
SOURC E
40
45
50
55
60
65
70
75
80
-40
0
40
80
120
160
TEMPERATURE (°C)
Peak Short Circuit Depletion
FET Current vs. Temperature
48V Line
180V Line
V
CC =0V
40
45
50
55
60
65
70
75
80
0
40
80
120
160
200
V
LINE (V)
Peak Short Circuit Depletion
FET Current vs. VLINE
–40°C
25°C
125°C
V
CC =0V
818.0
818.5
819.0
819.5
820.0
820.5
821.0
821.5
822.0
8 9 10 11 12 13 14 15 16 17 18
V
CC (V)
ISNS Current Limit Threshold
vs. VCC Voltage
R
BIAS=560K
815
820
825
830
835
840
-40
0
40
80
120
160
TEMPERATURE (°C)
ISNS Current Limit Threshold
vs. Temperature
V
CC= 10V
R
BIAS= 560K
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
8 9 10 11 12 13 14 15 16 17 18
V
CC (V)
Enable Threshold
vs. VCC
4.990
4.992
4.994
4.996
4.998
5.000
5.002
5.004
5.006
5.008
5.010
8 9 10 11 12 13 14 15 16 17 18
VCC (V)
VBIAS vs. VCC
R
BIAS= 560K
0
2
4
6
8
10
12
0
40
80
120
160
V
LINE (V)
Depletion FET Current
vs. VLINE
–40°C
25°C
125°C
V
CC=7.5V
0
1
2
3
4
5
6
7
8
9
10
7
7.5
8
8.5
9
9.5
10
V
LINE (V)
Depletion FET Current
vs. Low VLINE Voltage
–40°C
125°C
25°C


Similar Part No. - MIC9130BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130BQS MICREL-MIC9130BQS Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
More results

Similar Description - MIC9130BQS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC9130 MICREL-MIC9130 Datasheet
395Kb / 19P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131 Datasheet
142Kb / 20P
   High-Voltage, High-Speed Telecom DC-to-DC Controller
MIC9131 MICREL-MIC9131_06 Datasheet
912Kb / 19P
   High-Voltage, High-Speed Telecom
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
logo
Sanyo Semicon Device
LA5528N SANYO-LA5528N Datasheet
69Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5523 SANYO-LA5523 Datasheet
52Kb / 1P
   LOW-VOLTAGE DC MOTOR SPEED CONTROLLER
logo
List of Unclassifed Man...
KA2202 ETC-KA2202 Datasheet
85Kb / 3P
   LOW VOLTAGE DC MOTOR SPEED CONTROLLER
logo
Sanyo Semicon Device
LA5527M SANYO-LA5527M Datasheet
56Kb / 3P
   Low-Voltage DC Motor Speed Controller?
LA5527 SANYO-LA5527 Datasheet
58Kb / 3P
   Low-Voltage DC Motor Speed Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com