Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC6315-29D4U Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC6315-29D4U
Description  Open-Drain 關P Reset Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC6315-29D4U Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC6315-29D4U Datasheet HTML 1Page - Micrel Semiconductor MIC6315-29D4U Datasheet HTML 2Page - Micrel Semiconductor MIC6315-29D4U Datasheet HTML 3Page - Micrel Semiconductor MIC6315-29D4U Datasheet HTML 4Page - Micrel Semiconductor MIC6315-29D4U Datasheet HTML 5Page - Micrel Semiconductor MIC6315-29D4U Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC6315
Micrel
M9999-091608
2
September 2008
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
ICGroundPin.
2
/RESET
/RESET goes low if VCC falls below the reset threshold and remains asserted
for one reset timeout period after VCC exceeds the reset threshold.
3
/MR
ManualResetInput.Alogiclowon/MRforcesareset.Theresetwillremain
asserted as long as /MR is held low and for one reset timeout period after /MR goes
high.This input can be shorted to ground via a switch or be driven byTTLor CMOS
logic. Float if unused.
4
VCC
PowerSupplyInput.
Pin Configuration
MR
1
2
4 VCC
GND
MIC6315
RESET
3
MIC6315-xxDyU 4-Lead SOT-143
Ordering Information(1, 2)
Standard
Pb-Free
Nominal
Min. tRST
Operating
Part Number
Marking Part Number
Marking
VTH (V)
(ms)
Temp. Range
Package
MIC6315-26D2U
NY
MIC6315-26D2UY
NY
2.63
20
–40°C to +85°C
4-lead SOT-143
MIC6315-29D2U
NM
MIC6315-29D2UY
NM
2.93
20
–40°C to +85°C
4-lead SOT-143
MIC6315-30D2U
N2
MIC6315-30D2UY
N2
3.00
20
–40°C to +85°C
4-lead SOT-143
MIC6315-31D2U
NF
MIC6315-31D2UY
NF
3.08
20
–40°C to +85°C
4-lead SOT-143
MIC6315-40D2U
NW
MIC6315-40D2UY
NW
4.00
20
–40°C to +85°C
4-lead SOT-143
MIC6315-41D2U
N6
MIC6315-41D2UY
N6
4.10
20
–40°C to +85°C
4-lead SOT-143
MIC6315-44D2U
NG
MIC6315-44D2UY
NG
4.38
20
–40°C to +85°C
4-lead SOT-143
MIC6315-46D2U
NQ
MIC6315-46D2UY
NQ
4.63
20
–40°C to +85°C
4-lead SOT-143
MIC6315-26D3U
NR
MIC6315-26D3UY
NR
2.63
140
–40°C to +85°C
4-lead SOT-143
MIC6315-29D3U
NP
MIC6315-29D3UY
NP
2.93
140
–40°C to +85°C
4-lead SOT-143
MIC6315-30D3U
N3
MIC6315-30D3UY
N3
3.00
140
–40°C to +85°C
4-lead SOT-143
MIC6315-31D3U
NU
MIC6315-31D3UY
NU
3.08
140
–40°C to +85°C
4-lead SOT-143
MIC6315-40D3U
N8
MIC6315-40D3UY
N8
4.00
140
–40°C to +85°C
4-lead SOT-143
MIC6315-41D3U
N5
MIC6315-41D3UY
N5
4.10
140
–40°C to +85°C
4-lead SOT-143
MIC6315-42D3U
0N
MIC6315-42D3UY
0N
4.20
140
–40°C to +85°C
4-lead SOT-143
MIC6315-44D3U
NH
MIC6315-44D3UY
NH
4.38
140
–40°C to +85°C
4-lead SOT-143
MIC6315-46D3U
NX
MIC6315-46D3UY
NX
4.63
140
–40°C to +85°C
4-lead SOT-143
MIC6315-26D4U
NS
MIC6315-26D4UY
NS
2.63
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-29D4U
NN
MIC6315-29D4UY
NN
2.93
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-30D4U
N4
MIC6315-30D4UY
N4
3.00
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-31D4U
2N
MIC6315-31D4UY
2N
3.08
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-40D4U
M9
MIC6315-40D4UY
M9
4.00
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-41D4U
M7
MIC6315-41D4UY
M7
4.10
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-44D4U
NJ
MIC6315-44D4UY
NJ
4.38
1100
–40°C to +85°C
4-lead SOT-143
MIC6315-46D4U
NZ
MIC6315-46D4UY
NZ
4.63
1100
–40°C to +85°C
4-lead SOT-143
Notes:
1. Alldevicesavailableintapeandreelonly.
2. Partsnotyetassignedanidentificationcodeareshownas“zz”.ContactMicrelfordetails.Minimumordermayapply.


Similar Part No. - MIC6315-29D4U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315-29D4U MICREL-MIC6315-29D4U Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
MIC6315-29D4UY MICREL-MIC6315-29D4UY Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
logo
Microchip Technology
MIC6315-29D4UY-TR MICROCHIP-MIC6315-29D4UY-TR Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
More results

Similar Description - MIC6315-29D4U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315_14 Datasheet
523Kb / 8P
   Open-Drain 關P Reset Circuit
MIC6315 MICREL-MIC6315_05 Datasheet
255Kb / 6P
   Open-Drain 關P Reset Circuit
logo
Maxim Integrated Produc...
MAX6315 MAXIM-MAX6315_V01 Datasheet
139Kb / 7P
   Open-Drain SOT 關P Reset Circuit
2015
MAX6315 MAXIM-MAX6315 Datasheet
113Kb / 8P
   Open-Drain SOT 關P Reset Circuit
logo
Micrel Semiconductor
MIC6315 MICREL-MIC6315 Datasheet
66Kb / 6P
   Open-Drain UP Reset Circuit
logo
Microchip Technology
MIC6315 MICROCHIP-MIC6315 Datasheet
847Kb / 15P
   Open-Drain Microprocessor Reset Circuit
09/14/21
logo
Maxim Integrated Produc...
MAX6315US30D3 MAXIM-MAX6315US30D3 Datasheet
536Kb / 7P
   Open-Drain SOT muP Reset Circuit
Rev 3; 12/05
MAX6315US31D2 MAXIM-MAX6315US31D2 Datasheet
536Kb / 7P
   Open-Drain SOT μP Reset Circuit
Rev 3; 12/05
logo
STMicroelectronics
STM6315 STMICROELECTRONICS-STM6315_07 Datasheet
185Kb / 21P
   Open drain microprocessor reset
STM6315 STMICROELECTRONICS-STM6315 Datasheet
172Kb / 21P
   Open Drain Microprocessor Reset
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com