Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23031-AYMT Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC23031-AYMT
Description  4MHz PWM 400mA Buck Regulator with HyperLight Load
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23031-AYMT Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC23031-AYMT Datasheet HTML 5Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 6Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 7Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 8Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 9Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 10Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 11Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 12Page - Micrel Semiconductor MIC23031-AYMT Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Micrel, Inc.
MIC23031
October 2010
9
M9999-102210-A
Functional Diagram
EN
VIN
SW
PGND
SNS
AGND
UVLO
Reference
ISENSE
Gate
Drive
ERROR
COMPARATOR
CONTROL
LOGIC
Timer &
Softstart
ZERO 1
Current
Limit
Simplified MIC23031 Fixed Functional Block Diagram
EN
VIN
SW
FB
SNS
GND
UVLO
Reference
ISENSE
Gate
Drive
ERROR
COMPARATOR
CONTROL
LOGIC
Timer &
Softstart
ZERO 1
Current
Limit
Simplified MIC23031 Adjustable Functional Block Diagram


Similar Part No. - MIC23031-AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23031-AYMT MICREL-MIC23031-AYMT Datasheet
3Mb / 17P
   4MHz PWM 400mA Buck Regulator with Hyper Light Load?
More results

Similar Description - MIC23031-AYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
   8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com