Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23031-4YMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC23031-4YMT
Description  4MHz PWM 400mA Buck Regulator with HyperLight Load
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23031-4YMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC23031-4YMT Datasheet HTML 1Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 2Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 3Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 4Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 5Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 6Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 7Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 8Page - Micrel Semiconductor MIC23031-4YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
MIC23031
4MHz PWM 400mA Buck Regulator with
HyperLight Load
HyperLight Load is a trademark of Micrel, Inc
MLF and MicroLead Frame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC23031 is a high-efficiency 4MHz 400mA
synchronous buck regulator with HyperLight Load™ mode.
HyperLight Load™ provides very-high efficiency at light
loads and ultra-fast transient response which is perfectly
suited for supplying processor core voltages. An additional
benefit of this proprietary architecture is very-low output
ripple voltage throughout the entire load range with the use
of small output capacitors. The tiny 1.6mm x 1.6mm Thin
MLF
® package saves precious board space and requires
only three external components.
The MIC23031 is designed for use with a very-small
inductor, down to 0.47µH, and an output capacitor as small
as 2.2µF that enables a sub-1mm height.
The MIC23031 has a very-low quiescent current of 21µA
and achieves as high as 88% efficiency at 1mA. At higher
loads, the MIC23031 provides a constant switching
frequency around 4MHz while achieving peak efficiencies
up to 93%.
The MIC23031 is available in a 6-pin 1.6mm x 1.6mm Thin
MLF
® package with an operating junction temperature
range from –40
°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage: 2.7V to 5.5V
• 400mA output current
• Up to 93% efficiency and 88% at 1mA
• 21µA typical quiescent current
• 4MHz PWM operation in continuous mode
• Ultra-fast transient response
• Low voltage output ripple
20mVpp ripple in HyperLight Load™ mode
3mV output voltage ripple in full PWM mode
• 0.01µA shutdown current
• Fixed and adjustable output voltage options available
• 6-pin 1.6mm x 1.6mm Thin MLF®
• –40°C to +125°C junction temperature range
Applications
• Mobile handsets
• Portable media/MP3 players
• Portable navigation devices (GPS)
• WiFi/WiMax/WiBro modules
• Digital Cameras
• Wireless LAN cards
• USB-powered devices
• Portable applications
Typical Application
October 2010
M9999-102210-A


Similar Part No. - MIC23031-4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23031-4YMT MICREL-MIC23031-4YMT Datasheet
3Mb / 17P
   4MHz PWM 400mA Buck Regulator with Hyper Light Load?
More results

Similar Description - MIC23031-4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
   8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com