Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23051 Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC23051
Description  4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23051 Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC23051_09 Datasheet HTML 5Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 6Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 7Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 8Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 9Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 10Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 11Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 12Page - Micrel Semiconductor MIC23051_09 Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Micrel, Inc.
MIC23051
July 2009
10
M9999—070809-F
MOSFETs, reducing the internal RDSON. This improves
efficiency by reducing DC losses in the device. All but the
inductor losses are inherent to the device. In which case,
inductor
selection
becomes
increasingly
critical
in
efficiency calculations. As the inductors are reduced in
size, the DC resistance (DCR) can become quite
significant. The DCR losses can be calculated as follows;
L_Pd = IOUT
2 × DCR
From that, the loss in efficiency due to inductor resistance
can be calculated as follows;
100
L_Pd
I
V
I
V
1
_Loss
Efficiency
OUT
OUT
OUT
OUT
×
⎟⎟
⎜⎜
+
×
×
=
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and size
in this case.
HyperLight Load Mode™
MIC23051 uses a minimum on and off time proprietary
control loop. When the output voltage falls below the
regulation threshold, the error comparator begins a
switching cycle that turns the PMOS on and keeps it on for
the duration of the minimum-on-time. When the output
voltage is over the regulation threshold, the error
comparator turns the PMOS off for a minimum-off-time.
The NMOS acts as an ideal rectifier that conducts when
the PMOS is off. Using a NMOS switch instead of a diode
allows for lower voltage drop across the switching device
when it is on. The asynchronous switching combination
between the PMOS and the NMOS allows the control loop
to work in discontinuous mode for light load operations. In
discontinuous mode MIC23051 works in pulse frequency
modulation (PFM) to regulate the output. As the output
current increases, the switching frequency increases. This
improves the efficiency of MIC23051 during light load
currents. As the load current increases, the MIC23051
goes into continuous conduction mode (CCM) at a
constant frequency of 4MHz. The equation to calculate the
load when the MIC23051 goes into continuous conduction
mode may be approximated by the following formula:
×
×
=
f
2L
D
)
V
(V
I
OUT
IN
LOAD


Similar Part No. - MIC23051_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051-16YML MICREL-MIC23051-16YML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23051-945YML MICREL-MIC23051-945YML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23051-C4YML MICREL-MIC23051-C4YML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23051-CGYML MICREL-MIC23051-CGYML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
More results

Similar Description - MIC23051_09

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com