Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23050-SYML Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC23050-SYML
Description  4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23050-SYML Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC23050-SYML Datasheet HTML 4Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 5Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 6Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 7Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 8Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 9Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 10Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 11Page - Micrel Semiconductor MIC23050-SYML Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
MIC23050
January 2010
8
M9999-012010-D
Functional Description
VIN
VIN provides power to the MOSFETs for the switch mode
regulator section and to the analog supply circuitry. Due to
the high switching speeds, it is recommended that a 2.2µF
or greater capacitor be placed close to VIN and the power
ground (PGND) pin for bypassing. Refer to the layout
recommendations for details.
EN
The enable pin (EN) controls the on and off state of the
device. A logic high on the enable pin activates the
regulator, while a logic low deactivates it. MIC23050
features built-in soft-start circuitry that reduces in-rush
current and prevents the output voltage from overshooting
at start up. Do not leave this pin floating.
SW
The switch (SW) pin connects directly to the inductor and
provides the switching current necessary to operate in
PWM mode. Due to the high speed switching on this pin,
the switch node should be routed away from sensitive
nodes such as the CFF pin.
SNS
An inductor is connected from the SW pin to the SNS pin.
The SNS pin is the output pin of the device and a minimum
of 2.2µF bypass capacitor should be connected in shunt.
In order to reduce parasitic inductance it is good practice
to place the output bypass capacitor as close to the
inductor as possible.
CFF
The CFF pin is connected to the SNS pin of MIC23050
with a feed-forward capacitor of 560pF. The CFF pin itself
is compared with the internal reference voltage (VREF) of
the device and provides the control path to control the
output. VREF is equal to 0.72V. The CFF pin is sensitive to
noise and should be place away from the SW pin. Refer to
the layout recommendations for details.
PGND
Power ground (PGND) is the ground path for the high
current PWM mode. The current loop for the power ground
should be as small as possible and separate from the
Analog ground (AGND) loop. Refer to the layout
recommendations for more details.
AGND
Signal ground (AGND) is the ground path for the biasing
and control circuitry. The current loop for the signal ground
should be separate from the Power ground (PGND) loop.
Refer to the layout recommendations for more details.


Similar Part No. - MIC23050-SYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23050-SYML MICREL-MIC23050-SYML Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
More results

Similar Description - MIC23050-SYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC33050 MICREL-MIC33050 Datasheet
586Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load?
MIC23051 MICREL-MIC23051_09 Datasheet
735Kb / 13P
   4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com