Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23051-CGYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC23051-CGYML
Description  4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23051-CGYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC23051-CGYML Datasheet HTML 1Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 2Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 3Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 4Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 5Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 6Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 7Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 8Page - Micrel Semiconductor MIC23051-CGYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MIC23051
4MHz PWM Buck Regulator with
HyperLight Load™ and Voltage Scaling
HyperLight Load is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Protected by US Patent No. 7064531
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
July 2009
M9999-070809-F
General Description
The Micrel MIC23051 is a high efficiency 600mA PWM
synchronous
buck
(step-down)
regulator
featuring
HyperLight Load™, a patented switching scheme that
offers best in class light load efficiency and transient
performance
while
providing
very
small
external
components and low output ripple at all loads.
The MIC23051 has an output voltage scaling feature that
can toggles between two different voltage levels.
The MIC23051 also has a very low typical quiescent
current draw of 20µA and can achieve over 85% efficiency
even at 1mA. The device allows operation with a tiny
inductor ranging from 0.47µH to 2.2µH and uses a small
output capacitor that enables a sub-1mm height solution.
In contrast to traditional light load schemes HyperLight
Load™ architecture does not need to trade off control
speed to obtain low standby currents and in doing so the
device only needs a small output capacitor to absorb the
load transient as the powered device goes from light load
to full load.
At higher loads the MIC23051 provides a constant
switching frequency of greater than 4MHz while providing
peak efficiencies greater than 93%.
The MIC23051 is available in fixed output voltage options
from 0.72V to 3.3V eliminating external feedback
components. The MIC23051 is available in an 8-pin 2mm x
2mm MLF
® with a junction operating range from –40°C to
+125
°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• Input voltage: 2.7V to 5.5V
HyperLight Load™
• 600mA output current
• Fixed output voltage from 0.72V to 3.3V
• Output voltage scaling option
• Ultra fast transient response
• 20µA typical quiescent current
• 4MHz in CCM PWM operation in normal mode
• 0.47µH to 2.2µH inductor
• Low voltage output ripple
25mVpp in HyperLight Load mode
3mV output voltage ripple in full PWM mode
• >93% efficiency
• ~85% at 1mA
• Micropower shutdown
• Available in 8-pin 2mm x 2mm MLF®
• –40°C to +125°C junction temperature range
Applications
• Cellular phones
• Digital cameras
• Portable media players
• Wireless LAN cards
• WiFi/WiMax/WiBro modules
• USB Powered Devices
____________________________________________________________________________________________________________
Typical Application
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency VOUT = 1.8V
VOUT = 1.8V
L = 1µH
VIN = 3.3V
VIN = 2.7V
VIN = 3.6V


Similar Part No. - MIC23051-CGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051-CGYML MICREL-MIC23051-CGYML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
More results

Similar Description - MIC23051-CGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com