Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC23051-16YML Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC23051-16YML
Description  4MHz PWM Buck Regulator with HyperLight Load and Voltage Scaling
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23051-16YML Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC23051-16YML Datasheet HTML 5Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 6Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 7Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 8Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 9Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 10Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 11Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 12Page - Micrel Semiconductor MIC23051-16YML Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Micrel, Inc.
MIC23051
July 2009
9
M9999—070809-F
Applications Information
Input Capacitor
A minimum of 2.2µF ceramic capacitor should be placed
close to the VIN pin and PGND pin for bypassing. X5R or
X7R dielectrics are recommended for the input capacitor.
Y5V dielectrics, aside from losing most of their
capacitance over temperature, they also become resistive
at high frequencies. This reduces their ability to filter out
high frequency noise.
Output Capacitor
The MIC23051 was designed for use with a 2.2µF or
greater ceramic output capacitor. A low equivalent series
resistance (ESR) ceramic output capacitor either X7R or
X5R is recommended. Y5V and Z5U dielectric capacitors,
aside from the undesirable effect of their wide variation in
capacitance over temperature, become resistive at high
frequencies.
Inductor Selection
Inductor selection will be determined by the following (not
necessarily in the order of importance);
Inductance
Rated current value
Size requirements
DC resistance (DCR)
The MIC23051 was designed for use with an inductance
range from 0.47µH to 2.2µH. Typically, a 1µH inductor is
recommended for a balance of transient response,
efficiency and output ripple. For faster transient response a
0.47µH inductor may be used. For lower output ripple, a
2.2µH is recommended.
Maximum current ratings of the inductor are generally
given in two methods; permissible DC current and
saturation current. Permissible DC current can be rated
either for a 40°C temperature rise or a 10% to 20% loss in
inductance. Ensure the inductor selected can handle the
maximum operating current. When saturation current is
specified, make sure that there is enough margin so that
the peak current of the inductor does not cause it to
saturate. Peak current can be calculated as follows:
IPK = IOUT + VOUT (1-VOUT/VIN)/2fL
As shown by the previous calculation, the peak inductor
current is inversely proportional to the switching frequency
and the inductance; the lower the switching frequency or
the inductance the higher the peak current. As input
voltage increases the peak current also increases.
The size of the inductor depends on the requirements of
the application. Refer to the Application Circuit and Bill of
Material for details.
DC resistance (DCR) is also important. While DCR is
inversely proportional to size, DCR can represent a
significant efficiency loss. Refer to the Efficiency
Considerations.
Compensation
The MIC23051 is designed to be stable with a 0.47µH to
2.2µH inductor with a 2.2µF ceramic (X5R) output
capacitor.
Efficiency Considerations
Efficiency is defined as the amount of useful output power,
divided by the amount of power supplied.
100
I
V
I
V
_%
Efficiency
IN
IN
OUT
OUT
×
⎟⎟
⎜⎜
×
×
=
Maintaining high efficiency serves two purposes. It
reduces power dissipation in the power supply, reducing
the need for heat sinks and thermal design considerations
and it reduces consumption of current for battery powered
applications. Reduced current draw from a battery
increases the devices operating time and is critical in hand
held devices.
There are two types of losses in switching converters; DC
losses and switching losses. DC losses are simply the
power dissipation of I
2R. Power is dissipated in the high
side switch during the on cycle. Power loss is equal to the
high side MOSFET RDSON multiplied by the Switch
Current
2. During the off cycle, the low side N-channel
MOSFET conducts, also dissipating power. Device
operating current also reduces efficiency. The product of
the quiescent (operating) current and the supply voltage is
another DC loss. The current required driving the gates on
and off at a constant 4MHz frequency and the switching
transitions make up the switching losses.
50
60
70
80
90
100
1
10
100
1000
OUTPUT CURRENT (mA)
Efficiency VOUT = 1.8V
VOUT = 1.8V
L = 1µH
VIN = 3.3V
VIN = 2.7V
VIN = 3.6V
The Figure above shows an efficiency curve. From no load
to 100mA, efficiency losses are dominated by quiescent
current losses, gate drive and transition losses. By using
the HyperLight Load mode the MIC23051 is able to
maintain high efficiency at low output currents.
Over 100mA, efficiency loss is dominated by MOSFET
RDSON and inductor losses. Higher input supply voltages
will increase the Gate to Source threshold on the internal


Similar Part No. - MIC23051-16YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051-16YML MICREL-MIC23051-16YML Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
More results

Similar Description - MIC23051-16YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23051 MICREL-MIC23051 Datasheet
797Kb / 13P
   4MHz PWM Buck Regulator 4MHz PWM Buck Regulator and Voltage Scaling
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_10 Datasheet
819Kb / 14P
   4MHz PWM Buck Regulator with HyperLight Load Switching Scheme
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC23303 MICREL-MIC23303 Datasheet
1,012Kb / 21P
   4MHz PWM 3A Buck Regulator with HyperLight Load??and Power Good
MIC33050 MICREL-MIC33050_09 Datasheet
632Kb / 13P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com