Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29310-3.3WT Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC29310-3.3WT
Description  3A Fast-Response LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310-3.3WT Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC29310-3.3WT Datasheet HTML 2Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 3Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 4Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 5Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 6Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 7Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 8Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 9Page - Micrel Semiconductor MIC29310-3.3WT Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
6
November 2006
0
10
20
30
40
50
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29312 Adjust Pin Current
vs. Temperature
I
LOAD = 10mA
0.0
1.0
2.0
3.0
4.0
5.0
6.0
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2931x Ground Current
vs. Temperature
I
OUT = 750mA
0
5
10
15
20
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2931x Ground Current
vs. Temperature
I
OUT = 1.5A
0
20
40
60
80
100
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC2931x Ground Current
vs. Temperature
I
OUT = 3A
0
10
20
30
40
50
60
0123
OUTPUT CURRENT (A)
MIC2931x Ground Current
vs. Output Current
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29310-3.3 Output Voltage
vs. Temperature
3 DEVICES
0
1
2
3
4
5
6
-60 -30
0
30
60
90 120 150
TEMPERATURE(
°C)
MIC2931x Short Circuit
Current vs. Temperature
V
OUT = 0V
0
5
10
15
20
25
30
35
40
-60 -30
0
30
60
90 120 150
TEMPERATURE (
°C)
MIC29312 Enable Current
vs. Temperaure
V
EN = 5V
V
EN = 2V
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
MIC2931x Output Impedance
vs. Frequency
0.0
0.5
1.0
1.5
2.0
02468
10
INPUT VOLTAGE (V)
MIC2931x Ground Current
vs. Input Voltage
I
OUT = 10mA
0
50
100
150
200
02468
10
INPUT VOLTAGE (V)
MIC2931x Ground Current
vs. Input Voltage
I
OUT = 3A
-0.5
0.0
0.5
1.0
1.5
2.0
-20
-10
0
10
20
INPUT VOLTAGE (V)
MIC2931x Ground Current
vs. Input Voltage
R
LOAD = 100Ω
V
OUT = 3.3V


Similar Part No. - MIC29310-3.3WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310-3.3BT MICREL-MIC29310-3.3BT Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29310-3.3BU MICREL-MIC29310-3.3BU Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
More results

Similar Description - MIC29310-3.3WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
   3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com