Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29310-5.0WU Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29310-5.0WU
Description  3A Fast-Response LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29310-5.0WU Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC29310-5.0WU Datasheet HTML 4Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 5Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 6Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 7Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 8Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 9Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 10Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 11Page - Micrel Semiconductor MIC29310-5.0WU Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC29310/29312
Micrel
MIC29310/29312
8
November 2006
and the output voltage rises. A 10mA minimum load current
is necessary for proper regulation.
Adjustable Regulator Design
Figure 4. Adjustable Regulator with Resistors
The adjustable regulator version, MIC29312, allows program-
ming the output voltage anywhere between 1.25V and the
15V maximum operating rating of the family. Two resistors
are used. Resistors can be quite large, up to 1MΩ, because
of the very high input impedance and low bias current of the
sense comparator. The resistor values are calculated by:
VOUT
R1 = R2
× ( –—— – 1 )
1.240
Where VO is the desired output voltage. Figure 4 shows
component definition. Applications with widely varying load
currents may scale the resistors to draw the minimum load
current required for proper operation (see the table below).
Enable Input
The MIC29312 version features an enable (EN) input that
allows ON/OFF control of the device. Special design al-
lows “zero” current drain when the device is disabled—only
microamperes of leakage current flows. The EN input has
TTL/CMOS compatible thresholds for simple interfacing with
logic, or may be directly tied to VIN. Enabling the regulator
requires approximately 20µA of current into the EN pin.
Voltage
Standard (Ω)
Min. Load (Ω)
R1
R2
R1
R2
2.85
100k
76.8k
162
124
2.9
100k
75.0k
165
124
3.0
100k
69.8k
174
124
3.1
100k
66.5k
187
124
3.15
100k
64.9k
191
124
3.3
100k
60.4k
205
124
3.45
100k
56.2k
221
124
3.6
100k
52.3k
237
124
3.8
100k
48.7k
255
124
4.0
100k
45.3k
274
124
4.1
100k
43.2k
287
124
Resistor Value Table for the MIC29312 Adjustable Regulator
Note: This regulator has a minimum load requirement. “Standard” values assume the load meets this requirement. “Minimum
Load” values are calculated to draw 10mA and allow regulation with an open load (the minimum current drawn from the load
may be zero).


Similar Part No. - MIC29310-5.0WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29310-5.0BT MICREL-MIC29310-5.0BT Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29310-5.0BU MICREL-MIC29310-5.0BU Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
More results

Similar Description - MIC29310-5.0WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29302A MICREL-MIC29302A_14 Datasheet
736Kb / 18P
   3A Fast-Response LDO Regulator
logo
Guangdong Youtai Semico...
MIC29302 UMW-MIC29302 Datasheet
697Kb / 13P
   3A Fast-Response LDO Regulator
logo
Micrel Semiconductor
MIC29310 MICREL-MIC29310 Datasheet
168Kb / 12P
   3A Fast-Response LDO Regulator
MIC29302A MICREL-MIC29302A Datasheet
695Kb / 20P
   3A Fast-Response LDO Regulator
MIC29311 MICREL-MIC29311_07 Datasheet
345Kb / 11P
   3A Fast-Response LDO Regulator for USB
MIC29311 MICREL-MIC29311 Datasheet
135Kb / 12P
   3A Fast-Response LDO Regulator for USB Preliminary Information
MIC29710 MICREL-MIC29710 Datasheet
80Kb / 8P
   7.5A Fast-Response LDO Regulator
MIC29510 MICREL-MIC29510_06 Datasheet
315Kb / 10P
   5A Fast-Response LDO Regulator
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
Micrel Semiconductor
MIC29710 MICREL-MIC29710_06 Datasheet
982Kb / 11P
   7.5A Fast-Response LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com