Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66556B Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC66556B
Description  Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66556B Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC66556B Datasheet HTML 1Page - Sanyo Semicon Device LC66556B Datasheet HTML 2Page - Sanyo Semicon Device LC66556B Datasheet HTML 3Page - Sanyo Semicon Device LC66556B Datasheet HTML 4Page - Sanyo Semicon Device LC66556B Datasheet HTML 5Page - Sanyo Semicon Device LC66556B Datasheet HTML 6Page - Sanyo Semicon Device LC66556B Datasheet HTML 7Page - Sanyo Semicon Device LC66556B Datasheet HTML 8Page - Sanyo Semicon Device LC66556B Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
System Block Diagram
No. 5997-4/17
LC662508A, 662512A, 662516A
Item
LC6650XB Series
LC6655XB Series
LC6625XX Series
(Including the LC66599 evaluation chip)
System differences
65536 cycles
16384 cycles
16384 cycles
• Hardware wait time (number of
About 64 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
About 16 ms at 4 MHz (Tcyc = 1 µs)
cycles) when hold mode is cleared
• Value of timer 0 after a reset
(Including the value after hold mode
Set to FF0.
Set to FFC.
Set to FFC.
is cleared)
• DTMF generator
None (Tools are handled with
None
Yes
external devices.)
• Inverter array
None (Tools are handled with
None
Yes
external devices.)
• Three-value inputs/comparator
Yes
Yes
None
inputs
• Three-state output from P31
None
None
Yes
and P32
• Using P0 to clear halt mode
In 4-bit groups
In 4-bit groups
Can be specified for each bit.
For INT3, INT4, and INT5.
INT3, INT4, and INT5 can be used
• External extended interrupts
(Tools are handled with external
For INT3, INT4, and INT5.
with the internal functions.
devices.)
Shared with P90 (INT2)
• INT2 functions
(Tools are handled with external
Shared with P90 (INT2)
Shared with P53 (INT2)
devices.)
Differences in main characteristics
• LC66506B/08B/12B/16B
• 3.0 to 5.5 V/0.92 to 10 µs
• Operating power-supply voltage
4.0 to 6.0 V/0.92 to 10 µs
• LC6655XA, 56XA
3.0 to 5.5 V/0.95 to 10 µs
and operating speed (cycle time)
• LC66E516/P516
2.2 to 5.5 V/3.92 to 10 µs
4.5 to 5.5 V/0.92 to 10 µs
3.0 to 5.5 V/1.96 to 10 µs
• Pull-up resistors
P0, P1, P4, and P5: about 3 to 10 k
P0, P1, P4, and P5: about 3 to 10 k
P0, P1, P4, and P5: about 100 k
• P2, P3, P6, P7, and PA:
• P2, P3, P6, P7, and PA:
P2, P3, P61, P63, and PA:
• Port voltage handling
15V handling
15V handling
15V voltage handling
• Others: Normal voltage
• Others: Normal voltage
Others: normal voltage
Differences between the LC665XX Series and the LC6625XX Series
• When DT, ML, and DP are used, only the SIO channel can be used for serial I/O.
• The INT3, INT4, and INT5 pins can be used with internal functions.


Similar Part No. - LC66556B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66556B SANYO-LC66556B Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66556B SANYO-LC66556B Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66556B SANYO-LC66556B Datasheet
617Kb / 24P
   4K/6K/8K-BYTE ROM-CONTAINED SINGLE-CHIP 4-BIT MICROCOMPUTER FOR CONTROL-ORIENTED APPLICATIONS
More results

Similar Description - LC66556B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66354C SANYO-LC66354C Datasheet
140Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66562B SANYO-LC66562B Datasheet
580Kb / 22P
   12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com