Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC47150WD Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC47150WD
Description  1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC47150WD Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC47150WD Datasheet HTML 3Page - Micrel Semiconductor MIC47150WD Datasheet HTML 4Page - Micrel Semiconductor MIC47150WD Datasheet HTML 5Page - Micrel Semiconductor MIC47150WD Datasheet HTML 6Page - Micrel Semiconductor MIC47150WD Datasheet HTML 7Page - Micrel Semiconductor MIC47150WD Datasheet HTML 8Page - Micrel Semiconductor MIC47150WD Datasheet HTML 9Page - Micrel Semiconductor MIC47150WD Datasheet HTML 10Page - Micrel Semiconductor MIC47150WD Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micrel, Inc.
MIC47150
October 2009
9
M9999-102309-A
Application Information
Adjustable Regulator Design
The MIC47150 allows programming the output down to
0.9V. From the typical application in Figure 1, the output
voltage is set by placing a resistor divider network from
OUT to GND and is determined by the following
equation:
+
×
=
1
R2
R1
0.9
VOUT
where VOUT is the desired output voltage.
The resistor value between VOUT and the adjust pin
should not exceed 10kΩ. Larger values can cause
instability. The resistor values are calculated from the
above equation, resulting in the following:
⎟⎟
⎜⎜
×
=
1
0.9
V
R2
R1
OUT
EVB Layout
The MIC47150 evaluation board layout is shown in
Figures 2 and 3. For customer application boards,
recommended variations include using a static resistor
for R2 in place of the potentiometer as well as the
elimination of all test points and jumper options that are
included on the MIC47150 evaluation board.
Figure 2. MIC47150 EVB Top Layer
Figure 3. MIC47150 EVB Bottom Layer


Similar Part No. - MIC47150WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47100 MICREL-MIC47100 Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
MIC47100-0.8YML MICREL-MIC47100-0.8YML Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
MIC47100-0.8YMME MICREL-MIC47100-0.8YMME Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
MIC47100-1.0YML MICREL-MIC47100-1.0YML Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
MIC47100-1.0YMME MICREL-MIC47100-1.0YMME Datasheet
754Kb / 13P
   1A High Speed Low VIN LDO
More results

Similar Description - MIC47150WD

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Anaren Microwave
MSK5141 ANAREN-MSK5141 Datasheet
472Kb / 8P
   1.5A LOW NOISE, ADJUSTABLE LDO REGULATOR
logo
HuaXinAn Electronics CO...
AP1151ADS HUAXINAN-AP1151ADS Datasheet
1Mb / 27P
   Input Adjustable Voltage LDO Regulator
logo
Global Mixed-mode Techn...
G969A GMT-G969A Datasheet
43Kb / 1P
   1.5A Low Dropout Regulator with Dual Input Voltage
logo
Asahi Kasei Microsystem...
AP1151ADS AKM-AP1151ADS Datasheet
1Mb / 28P
   14V Input Adjustable Voltage LDO Regulator
logo
Micrel Semiconductor
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
logo
Taiwan Semiconductor Co...
TS1583 TSC-TS1583_07 Datasheet
432Kb / 9P
   1.5A Dual Input LDO
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com