Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37502WR Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC37502WR
Description  5A, Low Voltage 關Cap LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37502WR Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC37502WR Datasheet HTML 2Page - Micrel Semiconductor MIC37502WR Datasheet HTML 3Page - Micrel Semiconductor MIC37502WR Datasheet HTML 4Page - Micrel Semiconductor MIC37502WR Datasheet HTML 5Page - Micrel Semiconductor MIC37502WR Datasheet HTML 6Page - Micrel Semiconductor MIC37502WR Datasheet HTML 7Page - Micrel Semiconductor MIC37502WR Datasheet HTML 8Page - Micrel Semiconductor MIC37502WR Datasheet HTML 9Page - Micrel Semiconductor MIC37502WR Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC37501/37502
February 2007
6
M9999-020507
0
0.02
0.04
0.06
0.08
0.10
0.12
0
123
45
INPUT VOLTAGE (V)
Ground Current
vs. Supply (2.5V)
2.5A
5A
0
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
01
234
5
INPUT VOLTAGE (V)
Ground Current
vs. Supply (3.3V)
100mA
10mA
0
20
40
60
80
100
120
01
234
5
INPUT VOLTAGE (V)
Ground Current
vs. Supply (3.3V)
2.5A
5A
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
100mA
10mA
0
10
20
30
40
50
60
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Ground Current
vs. Temperature
2.5A
1A
5A
2.40
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
2.60
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Output Voltage
vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
2.25
3
3.75
4.5
5.25
6
SUPPLY VOLTAGE (V)
Short Circuit Current
vs. Suppl Voltage
0
1
2
3
4
5
6
7
8
9
10
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Short Circuit Current
vs. Temperature
0
1
2
3
4
5
6
)
V
IN =5V
Flag High (OK )
Flag Low (FAULT)
0.01 0.1
1
10
1k
100
10k
Error Flag Pull-Up Resistor
0
2
4
6
8
10
12
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (
°C)
Enable Current
vs. Temperature


Similar Part No. - MIC37502WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37502 MICREL-MIC37502 Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37502BR MICREL-MIC37502BR Datasheet
46Kb / 8P
   5A, Low voltage uCap LDO REgulator
MIC37502BR MICREL-MIC37502BR Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37502BU MICREL-MIC37502BU Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
More results

Similar Description - MIC37502WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com