Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC49300-0.9WR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC49300-0.9WR
Description  3.0A Low Voltage LDO Regulator w/Dual Input Voltages
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49300-0.9WR Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC49300-0.9WR Datasheet HTML 1Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 2Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 3Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 4Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 5Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 6Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 7Page - Micrel Semiconductor MIC49300-0.9WR Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
August 2005
3
M9999-082605-B
MIC49300
Micrel, Inc.
Electrical Characteristics
TA
T
T = 25°C with V
A
A
BIAS = VOUT +2.1V; VIN = VOUT + 1V; bold values indicate –40°C < TJ < +125°C, Note 4; unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
Over temperature range
–2
+2
%
Line Regulation
VIN = 2.0V to 6.5V
–0.1
0.01
+0.1
%/V
Load Regulation
IL = 0mA to 3A
0.2
LL
0.5
%
Dropout Voltage (VIN – VOUT)
IL = 1.5A
125
LL
200
mV
IL = 3A
280
LL
400
mV
Dropout Voltage (VBIAS – VOUT)
IL = 3A
1.5
LL
2.1
V
Note 4
Ground Pin Current,
Note 5
IL = 0mA
2
LL
5
mA
IL = 3A
25
LL
50
mA
Ground Pin Current in Shutdown
VEN ≤ 0.6V, (IBIAS + ICC), Note 6
0.07
5
µA
Current thru VBIAS
IL = 0mA
20
LL
35
mA
IL = 3A
50
LL
150
mA
Current Limit
VOUT = 0V
6.5
9
A
Enable Input, Note 6
Enable Input Threshold
Regulator enable
1.6
V
(Fixed Voltage only)
Regulator shutdown
0.6
V
Enable Pin Input Current
0.1
1.0
µA
Reference
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
0.882
0.918
V
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. For VOUT ≤1V, VBIAS dropout specification does not apply due to a minimum 3V VBIAS input.
Note 5. IGND = IBIAS + (IIN – IOUT). At high loads, input current on VIN will be less than the output current, due to drive current being supplied by VBIAS.
Note 6. Fixed output voltage versions only.
Absolute Maximum Ratings (Note 1)
Supply Voltage (VIN)........................................................8V
Bias Supply Voltage (VBIAS) ............................................ 8V
Enable Input Voltage (VEN) ............................................. 8V
Power Dissipation..................................... Internally Limited
ESD Rating,
Note 3 ...................................................... 2kV
Operating Ratings (Note 2)
Supply Voltage (VIN).........................................1.4V to 6.5V
Bias Supply Voltage (VBIAS) ................................3V to 6.5V
Enable Input Voltage (VEN) ............................... 0V to VBIAS
Junction Temperature Range ..............–40°C ≤TJ ≤ +125°C
Package Thermal Resistance
S-PAK(θJC) ...........................................................2°C/W
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
Over temperature range
Line Regulation
V
Load Regulation
I
)
I
I
)
I
I
I
Ground Pin Current in Shutdown
V
I
I
Current Limit
V
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
= 0mA to 3A
0.2
= 1.5A
125
= 3A
280
= 3A
1.5
= 0mA
2
= 3A
25
0.07
= 0mA
20
= 3A
50
= 0V
6.5
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
0.01
= 0mA to 3A
0.2
= 1.5A
125
= 3A
280
= 3A
1.5
= 0mA
2
= 3A
25
0.07
= 0mA
20
= 3A
50
= 0V
6.5
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
mA
Parameter
Conditions
Min
Typ
Max
Units
Output Voltage Accuracy
At 25°C, fixed voltage options
–1
+1
%
%
%/V
%
mV
mV
V
mA
mA
µA
mA
mA
A
Enable Input Threshold
Regulator enable
(Fixed Voltage only)
Regulator shutdown
Enable Pin Input Current
0.1
1.0
µA
(Fixed Voltage only)
Regulator shutdown
Enable Pin Input Current
0.1
1.0
µA
V
(Fixed Voltage only)
Regulator shutdown
Enable Pin Input Current
0.1
1.0
µA
V
Enable Pin Input Current
0.1
1.0
µA
V
V
Enable Pin Input Current
0.1
1.0
µA
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
Reference Voltage
Adjustable option only
0.891
0.9
0.909
V
V


Similar Part No. - MIC49300-0.9WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49300-0.9BR MICREL-MIC49300-0.9BR Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
More results

Similar Description - MIC49300-0.9WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC37300 MICREL-MIC37300_09 Datasheet
262Kb / 13P
   3.0A, Low-Voltage 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com