Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72121V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC72121V
Description  PLL Frequency Synthesizers for Electronic Tuning
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72121V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC72121V Datasheet HTML 1Page - Sanyo Semicon Device LC72121V Datasheet HTML 2Page - Sanyo Semicon Device LC72121V Datasheet HTML 3Page - Sanyo Semicon Device LC72121V Datasheet HTML 4Page - Sanyo Semicon Device LC72121V Datasheet HTML 5Page - Sanyo Semicon Device LC72121V Datasheet HTML 6Page - Sanyo Semicon Device LC72121V Datasheet HTML 7Page - Sanyo Semicon Device LC72121V Datasheet HTML 8Page - Sanyo Semicon Device LC72121V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
No. 5815-5/22
LC72121, 72121M, 72121V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VOL1
PD: IO = 1 mA
1.0
V
VOL2
BO1 to BO4, IO1, IO2: IO = 1 mA
0.2
V
Output low-level voltage
BO1 to BO4, IO1, IO2: IO = 8 mA
1.6
V
VOL3
DO: IO = 5 mA
1.0
V
VOL4
AOUT: IO = 1 mA, AIN = 1.3 V
0.5
V
IIH1
CE, DI, CL: VI = 6.5 V
5.0
µA
IIH2
IO1, IO2: VI = 13 V
5.0
µA
Input high-level current
IIH3
XIN: VI = VDD
1.3
8
µA
IIH4
FMIN, AMIN: VI = VDD
2.5
15
µA
IIH5
IFIN: VI = VDD
5.0
30
µA
IIH6
AIN: VI = 6.5 V
200
nA
IIL1
CE, DI, CL: VI = 0 V
5.0
µA
IIL2
IO1, IO2: VI = 0 V
5.0
µA
Input low-level current
IIL3
XIN: VI = 0 V
1.3
8
µA
IIL4
FMIN, AMIN: VI = 0 V
2.5
15
µA
IIL5
IFIN: VI = 0 V
5.0
30
µA
IIL6
AIN: VI = 0 V
200
nA
Output off leakage current
IOFF1
BO1 to BO4, IO1, IO2, AOUT: VO = 13 V
5.0
µA
IOFF2
DO: VO = 6.5 V
5.0
µA
High-level 3-state off leakage current
IOFFH
PD: VO = VDD
0.01
200
nA
Low-level 3-state off leakage current
IOFFL
PD: VO = 0 V
0.01
200
nA
Input capacitance
CIN
FMIN
6
pF
IDD1
VDD: Xtal = 7.2 MHz, fIN2 = 130 MHz,
2.5
6
mA
VIN2 = 20 mVrms
Supply current
VDD: PLL block stopped (PLL inhibit mode)
IDD2
Crystal oscillator operating
0.3
mA
(crystal frequency: 7.2 MHz)
IDD3
VDD: PLL block stopped, crystal oscillator
10
µA
stopped
Continued from preceding page.
Pin Descriptions
Pin
Pin No.
Type
Function
Equivalent circuit
name
LC72121
Xtal
• Crystal oscillator element connections (4.5 or 7.2 MHz)
XIN
XOUT
1
22
1
24
LC72121M
LC72121V
Local
oscillator
signal input
• FMIN is selected when DVS in the serial data is set to 1.
• Input frequency: 10 to 160 MHz
• The signal is passed through an internal divide-by-two prescaler and
then input to the swallow counter.
• The divisor can be set to a value in the range 272 to 65535. Since
the internal divide-by-two prescaler is used, the actual divisor will be
twice the set value.
FMIN
16
17
Local
oscillator
signal input
• AMIN is selected when DVS in the serial data is set to 0.
• When SNS in the serial data is set to 1:
• Input frequency: 2 to 40 MHz
• The signal is input to the swallow counter directly.
• The divisor can be set to a value in the range 272 to 65535. The
set value becomes the actual divisor.
• When SNS in the serial data is set to 0:
• Input frequency: 0.5 to 10 MHz
• The signal is input to a 12-bit programmable divider directly.
• The divisor can be set to a value in the range 4 to 4095. The set
value becomes the actual divisor.
AMIN
15
16
Continued on next page.


Similar Part No. - LC72121V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
More results

Similar Description - LC72121V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72121 SANYO-LC72121_03 Datasheet
425Kb / 23P
   PLL Frequency Synthesizers for Electronic Tuning
LM7001J SANYO-LM7001J Datasheet
91Kb / 8P
   Direct PLL Frequency Synthesizers for Electronic Tuning
LC72121MA SANYO-LC72121MA Datasheet
250Kb / 24P
   CMOS IC PLL Frequency Synthesizers for Electronic Tuning
logo
NXP Semiconductors
TSA6057 PHILIPS-TSA6057 Datasheet
650Kb / 14P
   Radio tuning PLL frequency synthesizers
1997 Oct 29
logo
Sanyo Semicon Device
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M_11 Datasheet
264Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72133M SANYO-LC72133M Datasheet
302Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning?
LC7216M SANYO-LC7216M Datasheet
382Kb / 18P
   PLL Frequency Synthesizer for Electronic Tuning?
LC72136 SANYO-LC72136 Datasheet
370Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
LC72137 SANYO-LC72137 Datasheet
351Kb / 23P
   PLL Frequency Synthesizer for Electronic Tuning
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com