Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37301-1.8YME Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC37301-1.8YME
Description  3.0A, Low-Voltage 關Cap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37301-1.8YME Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC37301-1.8YME Datasheet HTML 1Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 2Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 3Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 4Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 5Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 6Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 7Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 8Page - Micrel Semiconductor MIC37301-1.8YME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Micrel, Inc.
MIC37300/01/02/03
October 2009
5
M9999-102909
Notes
:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. PD(max) = (TJ(max) – TA) / θJA, where θJA, depends upon the printed circuit layout. See “Applicatins Information.”
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. VDO = VIN – VOUT when VOUT decreases to 98% of its nominal output voltage with VIN = VOUT + 1V. For output voltages below 1.75, dropout voltage
specification does not apply due to a minimum input operating voltage of 2.25V.
7. IGND is the quiescent current. IIN = IGND + IOUT.
8. For a 2.5V device, VIN = 2.250V (device is in dropout).


Similar Part No. - MIC37301-1.8YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37301-1.8BR MICREL-MIC37301-1.8BR Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37301-1.8YME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com