Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC49150-0.9YMM Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC49150-0.9YMM
Description  1.5A Low Voltage LDO Regulator w/Dual Input Voltages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC49150-0.9YMM Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC49150-0.9YMM Datasheet HTML 5Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 6Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 7Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 8Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 9Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 10Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 11Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 12Page - Micrel Semiconductor MIC49150-0.9YMM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Micrel, Inc.
MIC49150
November 2006
11
M9999-111306
∆T = TJ(max) – TA(max)
T J(max) = 125°C
TA(max) = maximum ambient operating temp-
erature
For example, the maximum ambient temperature is
50°C, the ∆T is determined as follows:
∆T = 125°C – 50°C
∆T = 75°C
Using Figure 2, the minimum amount of required copper
can be determined based on the required power
dissipation. Power dissipation in a linear regulator is
calculated as follows:
PD = VIN × IIN + VBIAS × IBIAS – VOUT × IOUT
Using a typical application of 750mA output current, 1.2V
output voltage, 1.8V input voltage and 3.3V bias voltage,
the power dissipation is as follows:
PD = (1.8V) × (730mA) + 3.3V(30mA) – 1.2V(750mA)
At full current, a small percentage of the output current is
supplied from the bias supply, therefore the input current
is less than the output current.
PD = 513mW
From Figure 2, the minimum current of copper required
to operate this application at a ∆T of 75°C is less than
100mm
2.
Quick Method
Determine the power dissipation requirements for the
design along with the maximum ambient temperature at
which the device will be operated. Refer to Figure 3,
which shows safe operating curves for three different
ambient temperatures: 25°C, 50°C and 85°C. From
these curves, the minimum amount of copper can be
determined by knowing the maxi-mum power dissipation
required. If the maximum ambient temperature is 50°C
and the power dissipation is as above, 513mW, the
curve in Figure 3 shows that the required area of copper
is less than 100mm
2.
The θJA of this package is ideally 80°C/W, but it will vary
depending upon the availability of copper ground plane
to which it is attached.
Adjustable Regulator Design
The MIC49150 adjustable version allows programming
the output voltage anywhere between 0.9Vand 5V. Two
resistors are used. The resistor value between VOUT and
the adjust pin should not exceed 10kΩ. Larger values
can cause instability. The resistor values are calculated
by:
⎟⎟
⎜⎜
×
=
1
0.9
V
R2
R1
OUT
Where VOUT is the desired output voltage.
Enable
The fixed output voltage versions of the MIC49150
feature an active high enable input (EN) that allows on-
off control of the regulator. Current drain reduces to
“zero” when the device is shutdown, with only
microamperes of leakage current. The EN input has
TTL/CMOS compatible thresholds for simple logic
interfacing. EN may be directly tied to VIN and pulled up
to the maximum supply voltage.


Similar Part No. - MIC49150-0.9YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150-0.9BMM MICREL-MIC49150-0.9BMM Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150-0.9BR MICREL-MIC49150-0.9BR Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
More results

Similar Description - MIC49150-0.9YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
logo
Texas Instruments
TPS74001 TI1-TPS74001 Datasheet
756Kb / 25P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37139 MICREL-MIC37139 Datasheet
156Kb / 10P
   1.5A, LOW VOLTAGE UCAP LDO REGULATOR
MIC47150 MICREL-MIC47150 Datasheet
581Kb / 11P
   1.5A, Low Voltage, Adjustable, High-Bandwidth LDO Regulator with Dual Input Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com