Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC37301-1.8WR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC37301-1.8WR
Description  3.0A, Low-Voltage 關Cap LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC37301-1.8WR Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC37301-1.8WR Datasheet HTML 1Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 2Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 3Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 4Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 5Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 6Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 7Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 8Page - Micrel Semiconductor MIC37301-1.8WR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC37300/01/02/03
October 2009
2
M9999-102909
VOUT
VIN
FLG
GND
VEN
COUT
47µF, Ceramic
100k
MIC37301
VIN = 3.0V
VOUT = 2.5V
CIN
Fixed 2.5 Regulator with Error Flag
0
50
100
150
200
250
300
350
400
450
500
0
0.5
1
1.5
2
2.5
3
OUTPUT CURRENT (A)
Dropout vs.
Output Current
2.5V
OUT
3.3V
OUT
Ordering Information
Part number
Standard
RoHS Compliant* /
Pb-Free
Output
Current
Voltage
Junction Temp. Range
Package
MIC37300-1.5BR
MIC37300-1.5WR*
3.0A
1.5V
–40°C to +125°C
S-Pak-3
MIC37300-1.65BR
MIC37300-1.65WR*
3.0A
1.65V
–40°C to +125°C
S-Pak-3
MIC37300-1.8BR
MIC37300-1.8WR*
3.0A
1.8V
–40°C to +125°C
S-Pak-3
MIC37300-2.5BR
MIC37300-2.5WR*
3.0A
2.5V
–40°C to +125°C
S-Pak-3
MIC37300-3.3BR
MIC37300-3.3WR*
3.0A
3.3V
–40°C to +125°C
S-Pak-3
MIC37301-1.5YME
3.0A
1.5V
–40°C to +125°C
e-Pad SOIC-8
MIC37301-1.5BR
MIC37301-1.5WR*
3.0A
1.5V
–40°C to +125°C
S-Pak-5
MIC37301-1.8YME
3.0A
1.8V
–40°C to +125°C
e-Pad SOIC-8
MIC37301-1.8BR
MIC37301-1.8WR*
3.0A
1.8V
–40°C to +125°C
S-Pak-5
MIC37301-2.5YME
3.0A
2.5V
–40°C to +125°C
e-Pad SOIC-8
MIC37301-2.5BR
MIC37301-2.5WR*
3.0A
2.5V
–40°C to +125°C
S-Pak-5
MIC37301-3.3BR
MIC37301-3.3WR*
3.0A
3.3V
–40°C to +125°C
S-Pak-5
MIC37302BR
MIC37302WR*
3.0A
ADJ
–40°C to +125°C
S-Pak-5
MIC37302BU
MIC37302WU*
3.0A
ADJ
–40°C to +125°C
TO-263-5
MIC37303YME
3.0A
ADJ
–40°C to +125°C
e-Pad SOIC-8
* RoHS compliant with ‘high-melting solder’ exemption.


Similar Part No. - MIC37301-1.8WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37301-1.8BR MICREL-MIC37301-1.8BR Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
More results

Similar Description - MIC37301-1.8WR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC35302 MICREL-MIC35302 Datasheet
336Kb / 8P
   3A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37150 MICREL-MIC37150_07 Datasheet
405Kb / 13P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37252 MICREL-MIC37252_06 Datasheet
216Kb / 8P
   2.5A, Low Voltage 關Cap LDO Regulator
MIC35152 MICREL-MIC35152 Datasheet
326Kb / 8P
   1.5A, Low Voltage 關Cap LDO Regulator
MIC37139 MICREL-MIC37139_09 Datasheet
747Kb / 10P
   1.5A, Low-Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37300 MICREL-MIC37300 Datasheet
164Kb / 12P
   3.0A, LOW VOLTAGE UCAP LDO REGULATOR
MIC5233-3.3YS MICREL-MIC5233-3.3YS Datasheet
530Kb / 12P
   High Input Voltage Low IQ 關Cap LDO Regulator
MIC5233 MICREL-MIC5233_09 Datasheet
381Kb / 9P
   High Input Voltage Low IQ 關Cap LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com