Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC39500-1.8WU Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC39500-1.8WU
Description  5A 關Cap Low-Voltage Low-Dropout Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC39500-1.8WU Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC39500-1.8WU Datasheet HTML 2Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 3Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 4Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 5Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 6Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 7Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 8Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 9Page - Micrel Semiconductor MIC39500-1.8WU Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MIC39500/39501
Micrel
M9999-082605-B
10
August 2005
1
θ
3
θ
4
θ
1
θ
2
θ
5-Lead TO-263-5 (U)
5-Lead TO-220 (T)
MICREL INC. 2180 FORTUNE DRIVE SAN JOSE, CA 95131 USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
This information furnished by Micrel in this data sheet is believed to be accurate and reliable. However no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser's
use or sale of Micrel Products for use in life support appliances, devices or systems is a Purchaser's own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel Incorporated


Similar Part No. - MIC39500-1.8WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC39500-2.5BT MICREL-MIC39500-2.5BT Datasheet
93Kb / 8P
   5A Low-Voltage Low-Dropout Regulator Advance Information
MIC39500-2.5BU MICREL-MIC39500-2.5BU Datasheet
93Kb / 8P
   5A Low-Voltage Low-Dropout Regulator Advance Information
More results

Similar Description - MIC39500-1.8WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC37501 MICREL-MIC37501_11 Datasheet
346Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC37501 MICREL-MIC37501 Datasheet
393Kb / 11P
   5A, Low Voltage 關Cap LDO Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
   5A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
   5A Low Dropout Voltage Regulator
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
   5A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com