Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC69151 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC69151
Description  Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69151 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC69151 Datasheet HTML 1Page - Micrel Semiconductor MIC69151 Datasheet HTML 2Page - Micrel Semiconductor MIC69151 Datasheet HTML 3Page - Micrel Semiconductor MIC69151 Datasheet HTML 4Page - Micrel Semiconductor MIC69151 Datasheet HTML 5Page - Micrel Semiconductor MIC69151 Datasheet HTML 6Page - Micrel Semiconductor MIC69151 Datasheet HTML 7Page - Micrel Semiconductor MIC69151 Datasheet HTML 8Page - Micrel Semiconductor MIC69151 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Micrel, Inc.
MIC69151/153
July 2010
4
M9999-071210-D
Typical Characteristics
0
10
20
30
40
50
60
70
Power Supply
Rejection Ratio
1K
10K
FREQUENCY (Hz)
VIN = 3.3V
VOUT = 1.8V
IOUT = 0.5A
0
50
100
150
200
250
300
0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6
OUTPUT CURRENT (A)
0
Dropout Voltage
vs. Output Current
VOUT = 1.8V
COUT = 10µF
0
50
100
150
200
250
300
350
400
Dropout Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 3.3V
VOUT = 1.8V
IOUT=1.5A
IOUT=750mA
0
2
4
6
8
10
12
14
16
18
Ground Current
vs. Output Current
800
1200
OUTPUT CURRENT (mA)
VIN = 3V
VOUT = 1.8V
COUT = 10µF
0
2
4
6
8
10
12
14
16
Ground Current
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = VOUT +1
VOUT = 1.8V
COUT = 10µF
1A
0.5A
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.5
1.0 1.5
2.0 2.5
3.0
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
VOUT = 1.8V
COUT = 10µF
1A
750mA
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
Output Voltage
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 3.3V
VOUT = 1.8V
IOUT = 10mA
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
Current Limit
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 3.3V
VOUT = 1.8V
1.786
1.788
1.790
1.792
1.794
1.796
1.798
1.800
1.802
0
0.25 0.5 0.75 1.0 1.25 1.5
OUTPUT CURRENT (A)
Load Regulation
VIN = 3V
VOUT = 1.8V
COUT = 10µF
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Enable Threshold
vs. Temperature
20 40 60 80
TEMPERATURE (°C)
VIN = 2.8V
VOUT = 1.8V
COUT = 10µF
IOUT = 100mA
ON
OFF


Similar Part No. - MIC69151

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69151-1.8YME MICREL-MIC69151-1.8YME Datasheet
241Kb / 9P
   Single Supply
MIC69151-1.8YML MICREL-MIC69151-1.8YML Datasheet
241Kb / 9P
   Single Supply
More results

Similar Description - MIC69151

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69301 MICREL-MIC69301 Datasheet
289Kb / 11P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
[Old version datasheet]   500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com