Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29151-3.3WU Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC29151-3.3WU
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29151-3.3WU Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC29151-3.3WU Datasheet HTML 1Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 2Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 3Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 4Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 5Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 6Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 7Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 8Page - Micrel Semiconductor MIC29151-3.3WU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
May 2010
5
M9999-050510-B
Absolute Maximum Ratings
(1)
Input Supply Voltage (VIN)
(1) ........................... –20V to +60V
Enable Input Voltage (VEN)................................ –0.3V to VIN
Lead Temperature (soldering, 5sec.)......................... 260°C
Power Dissipation .....................................Internally Limited
Storage Temperature Range ....................–65°C to +150°C
ESD Rating................................................................ Note 3
Operating Ratings
(2)
Operating Junction Temperature .............. –40°C to +125°C
Maximum Operating Input Voltage ................................26V
Package Thermal Resistance
TO-220 (θJC).........................................................2°C/W
TO-263 (θJC).........................................................2°C/W
TO-247 (θJC) .....................................................1.5°C/W
TO-252 (θJC).........................................................3°C/W
TO-252 (θJA) ......................................................56°C/W
Electrical Characteristics
(4,13)
VIN = VOUT + 1V; IOUT = 10mA; TJ = 25°C, bold values indicate –40°C≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
IOUT = 10mA
–1
1
%
Output Voltage
10mA ≤ IOUT ≤ IFL, (VOUT + 1V) ≤ VIN ≤26V
(5)
–2
2
%
Line Regulation
IOUT = 10mA, (VOUT + 1V) ≤ VIN ≤26V
0.06
0.5
%
Load Regulation
VIN = VOUT + 5V, 10mA ≤ IOUT ≤ 1.5A
(5,9)
0.2
1
%
∆VO
∆T
Output Voltage
(9)
Temperature Coefficient.
20
100
ppm/°C
Dropout Voltage
∆VOUT = -1%
(6)
MIC29150
MIC29300
MIC29500
MIC29750
IOUT = 100mA
IOUT = 750mA
IOUT = 1.5A
IOUT = 100mA
IOUT = 1.5A
IOUT = 3A
IOUT = 250mA
IOUT = 2.5A
IOUT = 5A
IOUT = 250mA
IOUT = 4A
IOUT = 7.5A
80
220
350
80
250
370
125
250
370
80
270
425
200
600
175
600
250
600
200
750
mV
Ground Current
MIC29150
MIC29300
MIC29500
MIC29750
Note 8
IOUT = 750mA, VIN = VOUT + 1V
IOUT = 1.5A
IOUT = 1.5A, VIN = VOUT + 1V
IOUT = 3A
IOUT = 2.5A, VIN = VOUT + 1V
IOUT = 5A
IOUT = 4A, VIN = VOUT + 1V
IOUT = 7.5A
8
22
10
37
15
70
35
120
20
35
50
75
mA
mA
mA
mA
IGRNDDOGround Pin
Current at Droupout
VIN = 0.5V less than specified VOUT × IOUT = 10mA
MIC29150
MIC29300
MIC29500
MIC29750
0.9
1.7
2.1
3.1
mA
mA
mA
mA
Current Limit
MIC29150
MIC29300
MIC29500
MIC29750
VOUT = 0V
(7)
VOUT = 0V
(7)
VOUT = 0V
(7)
VOUT = 0V
(7)
2.1
4.5
7.5
9.5
3.5
5.0
10.0
15
A
A
A
A


Similar Part No. - MIC29151-3.3WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29151-3.3WU MICREL-MIC29151-3.3WU Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29151-3.3WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com