Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC66558B Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC66558B
Description  Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC66558B Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC66558B Datasheet HTML 2Page - Sanyo Semicon Device LC66558B Datasheet HTML 3Page - Sanyo Semicon Device LC66558B Datasheet HTML 4Page - Sanyo Semicon Device LC66558B Datasheet HTML 5Page - Sanyo Semicon Device LC66558B Datasheet HTML 6Page - Sanyo Semicon Device LC66558B Datasheet HTML 7Page - Sanyo Semicon Device LC66558B Datasheet HTML 8Page - Sanyo Semicon Device LC66558B Datasheet HTML 9Page - Sanyo Semicon Device LC66558B Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Continued from preceding page.
Note: Pull-up MOS type: The output circuit includes a MOS transistor that pulls the pin up to VDD.
CMOS output: Complementary output.
OD output: Open-drain output.
No. 5484-6/21
LC66354C, 66356C, 66358C
Pin
I/O
Overview
Output driver type
Options
State after a reset
P60/SI0
P61/SO1
P62/SCK1
P63/PIN1
PC2/VREF0
PC3/VREF1
PD0/CMP0
PD1/CMP1
PD2/CMP2
PD3/CMP3
PE0/TRA
PE1/TRB
OSC1
OSC2
RES
TEST
VDD
VSS
I/O ports P60 to P63
• Input or output in 4-bit or 1-bit units
• P60 is also used as the serial input SI1
pin.
• P61 is also used as the serial output
SO1 pin.
• P62 is also used as the serial clock
SCK1 pin.
• P63 is also used for the event count
input to timer 1.
I/O ports PC2 and PC3
• Input or output in 2-bit or 1-bit units
• PC2 is also used as the VREF0
comparator comparison voltage pin.
• PC3 is also used as the VREF1
comparator comparison voltage pin.
Dedicated input ports PD0 to PD3
• These pins can be switched in software
to function as comparator inputs.
• The comparison voltage for PD0 is
provided by VREF0.
• The comparison voltage for PD1 to PD3
is provided by VREF1.
• Pins PD0 and PD1 can be set to the
comparator function individually, but pins
PD2 and PD3 are set together.
Dedicated input ports
These pins can be switched in software to
function as three-value inputs.
System clock oscillator connections
When an external clock is used, leave
OSC2 open and connect the clock signal
to OSC1.
System reset input
When the P33/HOLD pin is at the high
level, a low level input to the RES pin will
initialize the CPU.
CPU test pin
This pin must be connected to VSS during
normal operation.
Power supply pins
I/O
I/O
I
I
I
O
I
I
• Pch: CMOS type
• Nch: Intermediate sink current
type
• Nch: +15-V handling when OD
option selected
• Pch: CMOS type
• Nch: Intermediate sink current
type
CMOS or Nch OD
output
CMOS or Nch OD
output
Use of either a ceramic
oscillator or an external
clock can be selected.
H
H
Normal input
Normal input


Similar Part No. - LC66558B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC66558B SANYO-LC66558B Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC66558B SANYO-LC66558B Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66558B SANYO-LC66558B Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC66558B SANYO-LC66558B Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66558B SANYO-LC66558B Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
More results

Similar Description - LC66558B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC662104A SANYO-LC662104A Datasheet
104Kb / 13P
   Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM
LC662304A SANYO-LC662304A Datasheet
158Kb / 25P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC665304A SANYO-LC665304A Datasheet
182Kb / 26P
   Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
LC662508A SANYO-LC662508A Datasheet
151Kb / 17P
   Four-Bit Single-Chip Microcontrollers with 8, 12, and 16 KB of On-Chip ROM
LC66556B SANYO-LC66556B Datasheet
647Kb / 21P
   Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM?
LC66E2316 SANYO-LC66E2316 Datasheet
170Kb / 26P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66E5316 SANYO-LC66E5316 Datasheet
201Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM
LC66P2316 SANYO-LC66P2316 Datasheet
176Kb / 27P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC66P5316 SANYO-LC66P5316 Datasheet
205Kb / 28P
   Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM
LC876596B SANYO-LC876596B Datasheet
682Kb / 23P
   8-Bit Single Chip Microcontroller with 96/80 KB ROM and 2048-Byte RAM On Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com