Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29151-5.0WT Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC29151-5.0WT
Description  High-Current Low-Dropout Regulators
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29151-5.0WT Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC29151-5.0WT Datasheet HTML 1Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 2Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 3Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 4Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 5Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 6Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 7Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 8Page - Micrel Semiconductor MIC29151-5.0WT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Micrel, Inc.
MIC29150/29300/29500/29750
May 2010
4
M9999-050510-B
5-Pin TO-263 (D
2Pak) Fixed Voltage (U)
MIC29151/29301/29501
5-Pin TO-263 (D
2Pak) Adjustable Voltage (U)
MIC29302/29502
5-Pin TO-263 (D
2Pak) Adjustable with Flag (U)
MIC29153/29303/29503
5-Pin TO-252 (D-Pak) Adjustable Voltage (D)
MIC29152
Pin Description
Pin Number
TO-220
TO-247
TO-263
Pin Name
1
INPUT: Supplies the current to the output power device
2
GND: TAB is also connected internally to the IC’s ground on D-PAK.
3
OUTPUT: The regulator output voltage
Pin Description
Pin Number
Fixed
TO-220
TO-247
TO-263
Pin Number
Adjustable
TO-220
TO-247
TO-252
TO-263
Pin Number
Adj. with Flag
TO-220
TO-247
TO-263
Pin Name
1
1
ENABLE: CMOS compatible control input.
Logic high = enable, logic low = shutdown.
2
2
2
INPUT: Supplies the current to the output power device
3, TAB
3, TAB
3, TAB
GND: TAB is also connected internally to the IC’s ground on D-PAK.
4
4
4
OUTPUT: The regulator output voltage
5
5
ADJUST: Adjustable regulator feedback input that connects to the resistor
voltage divider that is placed from OUTPUT to GND in order to set the
output voltage.
5
1
FLAG: Active low error flag output signal that indicates an output fault
condition


Similar Part No. - MIC29151-5.0WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29151-5.0WT MICREL-MIC29151-5.0WT Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
More results

Similar Description - MIC29151-5.0WT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
logo
M.S. Kennedy Corporatio...
MSK5116-3.3HTU MSK-MSK5116-3.3HTU Datasheet
277Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5130 MSK-MSK5130 Datasheet
240Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
MSK5100-3.3B MSK-MSK5100-3.3B Datasheet
299Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5115-00 ANAREN-MSK5115-00 Datasheet
828Kb / 7P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5131-3.3HTU MSK-MSK5131-3.3HTU Datasheet
271Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Anaren Microwave
MSK5101 ANAREN-MSK5101 Datasheet
537Kb / 6P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
   HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com