Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC69302WU Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC69302WU
Description  Single Supply VIN, Low VIN, Low VOUT, 3A LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC69302WU Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC69302WU Datasheet HTML 1Page - Micrel Semiconductor MIC69302WU Datasheet HTML 2Page - Micrel Semiconductor MIC69302WU Datasheet HTML 3Page - Micrel Semiconductor MIC69302WU Datasheet HTML 4Page - Micrel Semiconductor MIC69302WU Datasheet HTML 5Page - Micrel Semiconductor MIC69302WU Datasheet HTML 6Page - Micrel Semiconductor MIC69302WU Datasheet HTML 7Page - Micrel Semiconductor MIC69302WU Datasheet HTML 8Page - Micrel Semiconductor MIC69302WU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC69301/2/3
March 2010
3
M9999-030310-E
Pin Description
Pin
Number
(Fixed)
SPAK-5
TO-263-5
Pin
Number
(Adjustable)
SPAK-5
TO-263-5
Pin
Number
(Fixed)
e-Pad
SOIC-8
Pin
Number
(Adjustable)
e-Pad
SOIC-8
Pin
Name
Pin Function
1
1
2
2
EN
Enable (Input): CMOS compatible input. Logic high = enable,
logic low = shutdown. Do not leave pin floating.
2
2
3,4
3,4
IN
Input voltage which supplies current to the output power device.
3, TAB
3, TAB
1
1
GND
Ground (TAB is connected to ground on S-Pak and TO-263).
4
4
5,6
5,6
OUT
Regulator Output.
7
SNS
Output voltage sense. Connect to output voltage.
5
7
ADJ
Adjustable regulator feedback input. Connect to resistor voltage
divider.
5
8
8
FLG
Error Flag (Output): Open collector output. Active low indicates
an output fault condition.
EP
EP
EP
Exposed pad. Connect to GND.


Similar Part No. - MIC69302WU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC69302WU MICREL-MIC69302WU Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
logo
Microchip Technology
MIC69302WU MICROCHIP-MIC69302WU Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
MIC69302WU-TR MICROCHIP-MIC69302WU-TR Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
More results

Similar Description - MIC69302WU

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC69301 MICROCHIP-MIC69301 Datasheet
2Mb / 26P
   Single Supply VIN, Low VIN, Low VOUT, 3A LDO
09/14/21
logo
Micrel Semiconductor
MIC69101 MICREL-MIC69101 Datasheet
261Kb / 8P
   Single Supply VIN, LOW VIN, LOW VOUT, 1A LDO
MIC69151 MICREL-MIC69151 Datasheet
241Kb / 9P
   Single Supply VIN, Low VIN, Low VOUT, 1.5A LDO
MIC69301 MICREL-MIC69301_11 Datasheet
438Kb / 13P
   Single Supply VIN, Low VIN, Low VOUT, 3ALDO
MIC69502 MICREL-MIC69502 Datasheet
230Kb / 9P
   5A, Low VIN, Low VOUT uCap LDO Regulator
MIC5325 MICREL-MIC5325_10 Datasheet
375Kb / 11P
   Low VIN/VOUT 400mA ULDO with Ultra-Low IQ
logo
Texas Instruments
TPS7A10 TI1-TPS7A10 Datasheet
1Mb / 29P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A11 TI1-TPS7A11_18 Datasheet
3Mb / 40P
[Old version datasheet]   500-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
TPS7A10_1808 TI1-TPS7A10_1808 Datasheet
2Mb / 35P
[Old version datasheet]   300-mA, Low VIN, Low VOUT, Ultra-Low Dropout Regulator
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
   Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com