Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1LV0108ESF-5SRS0 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R1LV0108ESF-5SRS0
Description  1Mb Advanced LPSRAM (128k word x 8bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV0108ESF-5SRS0 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R1LV0108ESF-5SRS0 Datasheet HTML 5Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 6Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 7Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 8Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 9Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 10Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 11Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 12Page - Renesas Technology Corp R1LV0108ESF-5SRS0 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
R1LV0108E Series
R10DS0049EJ0200
Rev.2.00
Page 9 of 15
2011.01.14
Read Cycle
R1LV0108E**-5S*
R1LV0108E**-7S*
Parameter
Symbol
Min.
Max.
Min.
Max.
Unit
Note
Read cycle time
tRC
55
-
70
-
ns
Address access time
tAA
-
55
-
70
ns
tACS1
-
55
-
70
ns
Chip select access time
tACS2
-
55
-
70
ns
Output enable to output valid
tOE
-
30
-
35
ns
Output hold from address change
tOH
5
-
10
-
ns
tCLZ1
5
-
10
-
ns
2,3
Chip select to output in low-Z
tCLZ2
5
-
10
-
ns
2,3
Output enable to output in low-Z
tOLZ
5
-
5
-
ns
2,3
tCHZ1
0
20
0
25
ns
1,2,3
Chip deselect to output in high-Z
tCHZ2
0
20
0
25
ns
1,2,3
Output disable to output in high-Z
tOHZ
0
20
0
25
ns
1,2,3


Similar Part No. - R1LV0108ESF-5SRS0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV0108ESF-5SR#B** RENESAS-R1LV0108ESF-5SR#B* Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108ESF-5SR#S** RENESAS-R1LV0108ESF-5SR#S* Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
More results

Similar Description - R1LV0108ESF-5SRS0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LP0108E RENESAS-R1LP0108E Datasheet
128Kb / 17P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_13 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LP0108E RENESAS-R1LP0108E_15 Datasheet
196Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0108E RENESAS-R1LV0108E_15 Datasheet
197Kb / 14P
   1Mb Advanced LPSRAM (128k word x 8bit)
R1LV0808ASB-5SI RENESAS-R1LV0808ASB-5SI Datasheet
233Kb / 17P
   8Mb Advanced LPSRAM (1024k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA_15 Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E_17 Datasheet
356Kb / 13P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LV0208BSA RENESAS-R1LV0208BSA Datasheet
192Kb / 15P
   2Mb Advanced LPSRAM (256k word x 8bit)
R1LV5256E RENESAS-R1LV5256E Datasheet
289Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
R1LP5256E RENESAS-R1LP5256E Datasheet
245Kb / 15P
   256Kb Advanced LPSRAM (32k word x 8bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com