Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM840021KATR Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SM840021KATR
Description  125MHz Ultra-Low Jitter Clock Synthesizer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM840021KATR Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button SM840021KATR Datasheet HTML 2Page - Micrel Semiconductor SM840021KATR Datasheet HTML 3Page - Micrel Semiconductor SM840021KATR Datasheet HTML 4Page - Micrel Semiconductor SM840021KATR Datasheet HTML 5Page - Micrel Semiconductor SM840021KATR Datasheet HTML 6Page - Micrel Semiconductor SM840021KATR Datasheet HTML 7Page - Micrel Semiconductor SM840021KATR Datasheet HTML 8Page - Micrel Semiconductor SM840021KATR Datasheet HTML 9Page - Micrel Semiconductor SM840021KATR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel, Inc.
SM840021
March 2010
9
M9999-031810-B
hbwhelp@micrel.com or (408) 955-1690
Total capacitance seen by crystal = CL =
1
1
+
1
(Ct1 + Cb1 + Cd1)
(Ct2 + Cb2 + Cd2)
Example:
CL = 18pF, Cb = 2pF, Cd = 4pF
Trim Cap = Ct = 2 (18pF) - (2pF +4pF) = 30pF
The SM840021 has been characterized with 25MHz,
18pF parallel resonant crystal. The trim capacitors Ct1
and Ct2 were optimized to minimize the ppm error.
To minimize the board capacitance, a short trace from
pin to crystal footprint without vias is desirable. It is
preferable to have ground shielding or distance between
the crystal traces and noisy signals on the board.
Board Layout


Similar Part No. - SM840021KATR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KA MICREL-SM840001KA Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840001KATR MICREL-SM840001KATR Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM840002 MICREL-SM840002 Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
SM840002KA MICREL-SM840002KA Datasheet
367Kb / 9P
   ClockWorks??Dual 10-Gigabit/Gigabit Ethernet 62.5MHz, 125MHz, or 156.25MHz
More results

Similar Description - SM840021KATR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM840004-11 MICREL-SM840004-11 Datasheet
236Kb / 10P
   62.5/125MHz Gigabit Ethernet, 4 Output, Ultra-Low Jitter Clock Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802123 MICREL-SM802123 Datasheet
422Kb / 12P
   ClockWorks??125MHz/25MHz Ultra-Low Jitter, LVCMOS Frequency Synthesizer
SM802124 MICREL-SM802124 Datasheet
247Kb / 9P
   ClockWorks??DUAL 125MHz Ultra-Low Jitter, CMOS Frequency Synthesizer
logo
Microchip Technology
SM813XXX MICROCHIP-SM813XXX Datasheet
477Kb / 21P
   Flexible Ultra-Low Jitter Clock Synthesizer
07/14/15
logo
Micrel Semiconductor
SM803020 MICREL-SM803020 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM802111 MICREL-SM802111 Datasheet
357Kb / 7P
   ClockWork GbE Dual 125MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802120 MICREL-SM802120 Datasheet
330Kb / 12P
   ClockWorksTM 125MHz LVDS / 125 MHz HCSL Ultra-Low Jitter Frequency Synthesizer
MX573EBA125M000 MICREL-MX573EBA125M000 Datasheet
1Mb / 4P
   Ultra-low Jitter 125MHz LVPECL XO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com