Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM843001-106KATR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SM843001-106KATR
Description  ClockWorks??Fibre Channel, 106.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SM843001-106KATR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SM843001-106KATR Datasheet HTML 1Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 2Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 3Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 4Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 5Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 6Page - Micrel Semiconductor SM843001-106KATR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Micrel, Inc.
SM843001-106
October 2010
3
M9999-100610-A
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings
(1)
Supply Voltage (VDDA, VDD,) ........................................+4.6V
Input Voltage (VIN)................................ −0.50V to VDD+0.5V
LVPECL Output Current (IOUT)
Continuous............................................................50mA
Surge ..................................................................100mA
Lead Temperature (soldering, 20s)............................ 260°C
Case Temperature ..................................................... 115°C
Storage Temperature (Ts) .........................−65°C to +150°C
Operating Ratings
(2)
Supply Voltage (VIN)............................. +2.375V to +3.465V
Ambient Temperature (TA) .......................... –40°C to +85°C
Junction Thermal Resistance
TSSOP (
θJA)(Still Air).......................................141°C/W
DC Electrical Characteristics
(3)
VDD = VDDA = 3.3V ±5%; TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
3.135
3.30
3.465
V
VDDA
Analog Supply Voltage
3.135
3.30
3.465
V
IDDA
Analog Supply Current
48
60
mA
IEE
Total supply current
No load
85
105
mA
VDD = VDDA = 2.5V ±5%; TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD
Core Supply Voltage
2.375
2.50
2.625
V
VDDA
Analog Supply Voltage
2.375
2.50
2.625
V
IDDA
Analog Supply Current
48
60
mA
IEE
Total supply current
No load
79
98
mA
LVPECL DC Electrical Characteristics
(3)(4)
VDD = VDDA = 2.5V ±5% or 3.3V ±5%, TA = –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
50Ω to VDD − 2V
VDD – 1.145
VDD – 0.97
VDD – 0.845
V
VOL
Output Low Voltage
50Ω to VDD − 2V
VDD – 1.945
VDD – 1.77
VDD – 1.645
V
VSWING
Peak-to-Peak Output Voltage Swing
0.6
0.8
1.0
V
Notes:
1.
Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2.
The data sheet limits are not guaranteed if the device is operated beyond the operating ratings.
3.
The circuit is designed to meet the DC specifications shown in the above tables after thermal equilibrium has been established with a transverse
airflow greater than 500 lfpm.
4.
See Figure 4 for load test circuit example.


Similar Part No. - SM843001-106KATR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212KA MICREL-SM843001-212KA Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843001-212KATR MICREL-SM843001-212KATR Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
More results

Similar Description - SM843001-106KATR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SM843001-212 MICREL-SM843001-212 Datasheet
331Kb / 7P
   ClockWorks Fibre Channel, 212.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802116 MICREL-SM802116 Datasheet
534Kb / 12P
   ClockWorks??Fibre Channel (106.25MHz, 212.5MHz) Ultra-Low Jitter, LVDS Frequency
SM802104 MICREL-SM802104_11 Datasheet
322Kb / 11P
   ClockWork Fibre Channel (106.25MHz, 212.5MHz), Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802110 MICREL-SM802110 Datasheet
274Kb / 7P
   ClockWorks??CPRI 153.6MHz Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM802117 MICREL-SM802117 Datasheet
333Kb / 10P
   ClockWorks??GbE (125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
SM840001 MICREL-SM840001 Datasheet
313Kb / 8P
   106.25MHz Ultra-Low Jitter Clock Synthesizer
SM843031-01 MICREL-SM843031-01 Datasheet
331Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 312.5MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM843251-156 MICREL-SM843251-156 Datasheet
340Kb / 7P
   ClockWorks??10-Gigabit Ethernet, 156.25MHz, Ultra-Low Jitter LVPECL Clock Frequency Synthesizer
SM802108 MICREL-SM802108 Datasheet
462Kb / 11P
   ClockWorks??10GbE & GbE (156.25MHz, 125MHz) Ultra-Low Jitter, LVPECL Frequency Synthesizer
logo
Maxim Integrated Produc...
MAX3610 MAXIM-MAX3610 Datasheet
690Kb / 8P
   Low-Jitter 106.25MHz/212.5MHz Fibre-Channel Clock Generator
Rev 0; 5/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com