Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY10EL16VKCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10EL16VKCTR
Description  5V/3.3V DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL16VKCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10EL16VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EL16VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EL16VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EL16VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EL16VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EL16VKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY10EL16V
SY100EL16V
MicreL, Inc.
M9999-061306
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
FEATURES
5V/3.3V DIFFERENTIAL
RECEIVER
SY10EL16V
SY100EL16V
■ 3.3V and 5V power supply options
■ 250ps propagation delay
■ High bandwidth output transitions
■ Internal 75Kinput pull-down resistors
■ Replaces SY10/100EL16
■ Improved output waveform characteristics
■ Available in 8-pin (3×××××3mm) MSOP and SOIC package
The SY10/100EL16V are differential receivers. The
devices are functionally equivalent to the E116 devices,
with higher performance capabilities. With output
transition times significantly faster than the E116, the
EL16V is ideally suited for interfacing with high-frequency
sources.
The EL16V provides a VBB output for either single-
ended use or as a DC bias for AC coupling to the device.
The VBB pin should be used only as a bias for the EL16V
as its current sink/source capability is limited. Whenever
used, the VBB pin should be bypassed to ground via a
0.01µF capacitor.
Under open input conditions (pulled to VEE), internal
input clamps will force the Q output LOW.
PIN NAMES
Pin
Function
D
Data Inputs
Q
Data Outputs
VBB
Reference Voltage Output
Rev.: I
Amendment: /1
Issue Date:
June 2006


Similar Part No. - SY10EL16VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL16VKCTR MICREL-SY10EL16VKCTR Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
More results

Similar Description - SY10EL16VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com