Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EL16VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY100EL16VKCTR
Description  5V/3.3V DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EL16VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY100EL16VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY100EL16VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY100EL16VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY100EL16VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY100EL16VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY100EL16VKCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SY10EL16V
SY100EL16V
Micrel, Inc.
M9999-061306
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EL16VKC
K8-1
Commercial
HEL16V
Sn-Pb
SY10EL16VKCTR(2)
K8-1
Commercial
HEL16V
Sn-Pb
SY100EL16VKC
K8-1
Commercial
XEL16V
Sn-Pb
SY100EL16VKCTR(2)
K8-1
Commercial
XEL16V
Sn-Pb
SY10EL16VZC
Z8-1
Commercial
HEL16V
Sn-Pb
SY10EL16VZCTR(2)
Z8-1
Commercial
XEL16V
Sn-Pb
SY100EL16VZC
Z8-1
Commercial
HEL16V
Sn-Pb
SY100EL16VZCTR(2)
Z8-1
Commercial
XEL16V
Sn-Pb
SY10EL16VKI
K8-1
Industrial
HEL16V
Sn-Pb
SY10EL16VKITR(2)
K8-1
Industrial
HEL16V
Sn-Pb
SY100EL16VKI
K8-1
Industrial
XEL16V
Sn-Pb
SY100EL16VKITR(2)
K8-1
Industrial
XEL16V
Sn-Pb
SY10EL16VZI
Z8-1
Industrial
HEL16V
Sn-Pb
SY10EL16VZITR(2)
Z8-1
Industrial
XEL16V
Sn-Pb
SY100EL16VZI
Z8-1
Industrial
HEL16V
Sn-Pb
SY100EL16VZITR(2)
Z8-1
Industrial
XEL16V
Sn-Pb
SY10EL16VKG(3)
K8-1
Industrial
H16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL16VKGTR(2, 3)
K8-1
Industrial
H16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL16VKG(3)
K8-1
Industrial
X16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL16VKGTR(2, 3)
K8-1
Industrial
X16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL16VZG(3)
Z8-1
Industrial
HEL16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EL16VZGTR(2, 3)
Z8-1
Industrial
HEL16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL16VZG(2)
Z8-1
Industrial
XEL16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY100EL16VZGTR(2, 3)
Z8-1
Industrial
XEL16V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
8-Pin MSOP (K8-1)
8-Pin SOIC (Z8-1)
Process:
Bipolar
ESD Rating:
Per Mil Std. 883 Human Body Model,
>2.0kV (all pins).
PRODUCT/PROCESS INFORMATION


Similar Part No. - SY100EL16VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EL16VKCTR MICREL-SY100EL16VKCTR Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
More results

Similar Description - SY100EL16VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY100EL17V MICREL-SY100EL17V Datasheet
63Kb / 4P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
logo
ON Semiconductor
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
logo
Micrel Semiconductor
SY100EL16VS MICREL-SY100EL16VS_07 Datasheet
95Kb / 6P
   5V/3.3V VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com