Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100EP14UK4I Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY100EP14UK4I
Description  2.5V/3.3V/5V 1:5 LVPECL/PECL/ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP14UK4I Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button SY100EP14UK4I Datasheet HTML 2Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 3Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 4Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 5Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 6Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 7Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 8Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 9Page - Micrel Semiconductor SY100EP14UK4I Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Precision Edge®
SY100EP14U
Micrel, Inc.
M9999-060910
hbwhelp@micrel.com or (408) 955-1690
TA = –40°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit Condition
VIL
Input LOW Voltage
3055
3375
3055
3375
3055
3375
mV
(Single-Ended)
VIH
Input HIGH Voltage
3775
4120
3775
4120
3775
4120
mV
(Single-Ended)
VOL
Output LOW Voltage
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV 50Ω to VCC–2V
VOH
Output HIGH Voltage
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV 50Ω to VCC–2V
VBB
Output Voltage Reference(2) 3475
3575
3675
3475
3575
3675
3475
3575
3675
mV VCC = +5.0V
VIHCMR Input HIGH Voltage(3)
2.0
VCC
2.0
VCC
2.0
VCC
V
Common Mode Range
(100KEP) PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 5.0V ±10%, VEE = 0V
Note 1. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output
parameters are at VCC = 5.0V. They vary 1:1 with VCC.
Note 2. VBB reference varies 1:1 with VCC.
Note 3. The VIHCMR range is referenced to the most positive side of the differential input signal. Single-ended input CLK pin operation is limited to VCC
3.0V in PECL mode.
TA = –40°C
TA = +25°C
TA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max. Unit Condition
VIL
Input LOW Voltage
–1945
–1625 –1945
–1625 –1945
–1625 mV
(Single-ended)
VIH
Input HIGH Voltage
–1165
–880 –1165
–880 –1165
–880
mV
(Single-ended)
VOL
Output LOW Voltage
–1945 –1820 –1695 –1945 –1820 –1695 –1945 –1820 –1695 mV 50Ω to VCC–2V
VOH
Output HIGH Voltage
–1145 –1020 –0895 –1145 –1020 –0895 –1145 –1020 –0895 mV 50Ω to VCC–2V
VBB
Output Reference Voltage(2) –1525 –1425 –1325 –1525 –1425 –1325 –1525 –1425 –1325 mV
VIHCMR Input HIGH Voltage
V
Common Mode Range(3)
VEE +1.2
0.0
VEE +1.2
0.0
VEE +1.2
0.0
(100KEP) LVECL DC ELECTRICAL CHARACTERISTICS(1)
VEE = –2.37V to –3.8V; VCC = 0V
Note 1. 100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained. Input and output
parameters vary 1:1 with VCC.
Note 2. Single-ended input operation is limited VEE ≤ –3.0V in ECL/LVECL mode. VBB reference varies 1:1 with VCC.
Note 3. VIHCMR (min) varies 1:1 with VEE, VIHCMR (max) varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the
differential input signal.


Similar Part No. - SY100EP14UK4I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14UK4I MICREL-SY100EP14UK4I Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14UK4ITR MICREL-SY100EP14UK4ITR Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
More results

Similar Description - SY100EP14UK4I

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP14U MICREL-SY100EP14U Datasheet
71Kb / 9P
   2.5V/3.3V/5V 1:5 LVPECL/PECL/ ECL/HSTL 2GHz CLOCK DRIVER WITH 2:1 DIFFERENTIAL INPUT MUX
SY100EP14AU MICREL-SY100EP14AU Datasheet
211Kb / 8P
   2.5V/3.3V 1:5 LVPECL/LVECL/HSTL 2GHz Clock Driver With 2:1 Differential Input MUX
logo
ON Semiconductor
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com